Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1184 Datasheet (PDF) - Analog Devices

ADM1184 Datasheet PDF - Analog Devices
Part # ADM1184
Download  ADM1184 Download
File Size   269.85 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.8% Accurate Quad Voltage Monitor

ADM1184 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1184 Datasheet PDF - Analog Devices

Part # ADM1184
Download  ADM1184 Click to download

File Size   269.85 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.8% Accurate Quad Voltage Monitor

ADM1184 Datasheet (HTML) - Analog Devices


ADM1184 Product details

GENERAL DESCRIPTION
The ADM1184 is an integrated, 4-channel voltage-monitoring device. A 2.7 V to 5.5 V power supply is required on the VCC pin to power the device.
The ADM1184 is available in a 10-lead mini small outline package (MSOP).

FEATURES
   Powered from 2.7 V to 5.5 V on the VCC pin
   Monitors 4 supplies via 0.8% accurate comparators
   4 inputs can be programmed to monitor different voltage
      levels with external resistor dividers
   3 open-drain enable outputs (OUT1, OUT2, and OUT3)
   Open-drain power-good output (PWRGD)
   Internal 190 ms delay associated with assertion of PWRGD
   10-lead MSOP

APPLICATIONS
   Monitor and alarm functions
   Telecommunications
   Microprocessor systems
   PC/servers




Similar Part No. - ADM1184

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1184 AD-ADM1184 Datasheet
269Kb / 12P
0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184 AD-ADM1184 Datasheet
269Kb / 12P
0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184ARMZ-REEL71 AD-ADM1184ARMZ-REEL71 Datasheet
269Kb / 12P
0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184ARMZ1 AD-ADM1184ARMZ1 Datasheet
269Kb / 12P
0.8% Accurate Quad Voltage Monitor
REV. 0
More results


Similar Description - ADM1184

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
Quad Voltage Monitor and Sequencer
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
Quad Voltage Monitor and Sequencer
3/07-Revision 0
ADM1184 AD-ADM1184 Datasheet
269Kb / 12P
0.8% Accurate Quad Voltage Monitor
REV. 0
logo
Intersil Corporation
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
Quad Voltage Monitor
April 29, 2010
logo
Maxim Integrated Produc...
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16063 MAXIM-MAX16063 Datasheet
183Kb / 13P
1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
logo
Analog Devices
EVAL-ADM1184 AD-EVAL-ADM1184 Datasheet
287Kb / 8P
Evaluation Kit for ADM1184 짹0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
Quad Voltage Monitor and Sequencer
REV. B
logo
Renesas Technology Corp
ISL88041 RENESAS-ISL88041 Datasheet
429Kb / 7P
Quad Voltage Monitor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com