Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2850 Datasheet (PDF) - Analog Devices

ADN2850 Datasheet PDF - Analog Devices
Part # ADN2850
Download  ADN2850 Download
File Size   604.75 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Nonvolatile Memory, Dual 1024-Position Digital Resistor

ADN2850 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2850 Datasheet PDF - Analog Devices

Part # ADN2850
Download  ADN2850 Click to download

File Size   604.75 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Nonvolatile Memory, Dual 1024-Position Digital Resistor

ADN2850 Datasheet (HTML) - Analog Devices


ADN2850 Product details

GENERAL DESCRIPTION
The ADN2850 is a dual-channel, nonvolatile memory1, digitally controlled resistors2 with 1024-step resolution, offering guaranteed maximum low resistor tolerance error of ±8%. The device performs the same electronic adjustment function as a mechanical rheostat with enhanced resolution, solid state reliability, and superior low temperature coefficient performance. The versatile programming of the ADN2850 via an SPI®-compatible serial interface allows 16 modes of operation and adjustment including scratchpad programming, memory storing and restoring, increment/decrement, ±6 dB/step log taper adjustment, wiper setting readback, and extra EEMEM1 for user-defined information such as memory data for other components, look-up table, or system identification information.

FEATURES
   Dual-channel, 1024-position resolution
   25 kΩ, 250 kΩ nominal resistance
   Maximum ±8% nominal resistor tolerance error
   Low temperature coefficient: 35 ppm/°C
   2.7 V to 5 V single supply or ±2.5 V dual supply
   Current monitoring configurable function
   SPI-compatible serial interface
   Nonvolatile memory stores wiper settings
   Power-on refreshed with EEMEM settings
   Permanent memory write protection
   Resistance tolerance stored in EEMEM
   26 bytes extra nonvolatile memory for user-defined
      information
   1M programming cycles
   100-year typical data retention

APPLICATIONS
   SONET, SDH, ATM, Gigabit Ethernet, DWDM laser diode
      driver, optical supervisory systems
   Mechanical rheostat replacement
   Instrumentation gain adjustment
   Programmable filters, delays, time constants
   Sensor calibration




Similar Part No. - ADN2850

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850 AD-ADN2850 Datasheet
481Kb / 20P
Nonvolatile Memory, Dual 1024 Position Programmable Resistors
9/02-Data sheet changed from REV. A to REV. B.
ADN2850 AD-ADN2850 Datasheet
749Kb / 30P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
4/16-Rev. E to Rev. F
ADN2850ACP25 AD-ADN2850ACP25 Datasheet
481Kb / 20P
Nonvolatile Memory, Dual 1024 Position Programmable Resistors
9/02-Data sheet changed from REV. A to REV. B.
ADN2850ACP25-RL7 AD-ADN2850ACP25-RL7 Datasheet
481Kb / 20P
Nonvolatile Memory, Dual 1024 Position Programmable Resistors
9/02-Data sheet changed from REV. A to REV. B.
ADN2850ACP250 AD-ADN2850ACP250 Datasheet
481Kb / 20P
Nonvolatile Memory, Dual 1024 Position Programmable Resistors
9/02-Data sheet changed from REV. A to REV. B.
More results


Similar Description - ADN2850

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235 Datasheet
102Kb / 10P
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
06-Nov-2000
ADN2850 AD-ADN2850 Datasheet
481Kb / 20P
Nonvolatile Memory, Dual 1024 Position Programmable Resistors
9/02-Data sheet changed from REV. A to REV. B.
AD5231 AD-AD5231 Datasheet
562Kb / 24P
Nonvolatile Memory, 1024-Position Digital Potentiometers
REV.0
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
4/16-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com