Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT6503 Datasheet (PDF) - Analog Devices

ADT6503 Datasheet PDF - Analog Devices
Part # ADT6503
Download  ADT6503 Download
File Size   275.72 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23

ADT6503 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT6503 Datasheet PDF - Analog Devices

Part # ADT6503
Download  ADT6503 Click to download

File Size   275.72 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23

ADT6503 Datasheet (HTML) - Analog Devices


ADT6503 Product details

GENERAL DESCRIPTION

The ADT6501/ADT6502/ADT6503/ADT6504 are trip point temperature switches available in a 5-lead SOT-23 package. Each part contains an internal band gap temperature sensor for local temperature sensing. When the temperature crosses the trip point setting, the logic output is activated. The ADT6501/ADT6503 logic output is active low and open-drain. The ADT6502/ADT6504 logic output is active high and push-pull. The temperature is digitized to a resolution of 0.125°C (11-bit). The factory trip point settings are 10°C apart starting from −45°C to +15°C for the cold threshold models and from +35°C to +115°C for the hot threshold models.



FEATURES

±0.5°C (typical) threshold accuracy

Factory-set trip points from

−45°C to +15°C in 10°C increments

+35°C to +115°C in 10°C increments

No external components required

Maximum temperature of 125°C

Open-drain output (ADT6501/ADT6503)

Push-pull output (ADT6502/ADT6504)

Pin-selectable hysteresis of 2°C and 10°C

Supply current of 30 µA (typical)

Space-saving, 5-lead SOT-23 package


 



APPLICATIONS

Medical equipment

Automotive

Cell phones

Hard disk drives

Personal computers

Electronic test equipment

Domestic appliances

Process control



 




Similar Part No. - ADT6503

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6503 AD-ADT6503 Datasheet
463Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
ADT6503 AD-ADT6503 Datasheet
295Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6503ARJN005 AD-ADT6503ARJN005 Datasheet
463Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
ADT6503ARJN015 AD-ADT6503ARJN015 Datasheet
463Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
ADT6503ARJN025 AD-ADT6503ARJN025 Datasheet
463Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
More results


Similar Description - ADT6503

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501 AD-ADT6501 Datasheet
463Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502SRJZP085RL7 AD-ADT6502SRJZP085RL7 Datasheet
295Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com