Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249 Datasheet (PDF) - Analog Devices

OP249 Datasheet PDF - Analog Devices
Part # OP249
Download  OP249 Download
File Size   438.83 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision JFET, High Speed, Dual Operational Amplifier

OP249 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP249 Datasheet PDF - Analog Devices

Part # OP249
Download  OP249 Click to download

File Size   438.83 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision JFET, High Speed, Dual Operational Amplifier

OP249 Datasheet (HTML) - Analog Devices


OP249 Product details

GENERAL DESCRIPTION
The OP249 is a high speed, precision dual JFET op amp, similar to the popular single op amp. The OP249 outperforms available dual amplifiers by providing superior speed with excellent dc performance. Ultrahigh open-loop gain (1 kV/mV minimum), low offset voltage, and superb gain linearity makes the OP249 the industry’s first true precision, dual high speed amplifier.
   
FEATURES
    Fast slew rate: 22 V/µs typical
    Settling time (0.01%): 1.2 µs maximum
    Offset voltage: 200 µV typical
    High open-loop gain: 1000 V/mV minimum
    Low total harmonic distortion: 0.002% typical
   
APPLICATIONS
    Output amplifier for fast DACs
    Signal processing
    Instrumentation amplifiers
    Fast sample-and-holds
    Active filters
    Low distortion audio amplifiers
    Input buffer for ADCs
    Servo controllers
   




Similar Part No. - OP249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP249 AD-OP249 Datasheet
702Kb / 17P
Dual, Precision JFET High Speed Operational Amplifier
REV.C
OP249 AD-OP249 Datasheet
567Kb / 20P
Dual, Precision JFET High Speed Operational Amplifier
Rev. F
OP249 AD-OP249 Datasheet
441Kb / 19P
Precision JFET, High Speed, Dual Operational Amplifier
10/15-Rev. H to Rev. I
OP249ARC/883 AD-OP249ARC/883 Datasheet
702Kb / 17P
Dual, Precision JFET High Speed Operational Amplifier
REV.C
OP249AZ AD-OP249AZ Datasheet
702Kb / 17P
Dual, Precision JFET High Speed Operational Amplifier
REV.C
More results


Similar Description - OP249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP249 AD-OP249 Datasheet
702Kb / 17P
Dual, Precision JFET High Speed Operational Amplifier
REV.C
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
High Speed, Precision JFET Input Operational Amplifier?
RH1056A LINER-RH1056A Datasheet
162Kb / 4P
Precision, High Speed, JFET Input Operational Amplifier
RH1056 LINER-RH1056 Datasheet
109Kb / 2P
Precision, High Speed, JFET Input Operational Amplifier
logo
Analog Devices
OP249 AD-OP249_07 Datasheet
567Kb / 20P
Dual, Precision JFET High Speed Operational Amplifier
Rev. F
logo
Linear Technology
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
High Speed, Precision JFET Input Operational Amplifier
logo
Analog Devices
OP249 AD-OP249_15 Datasheet
438Kb / 20P
Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
logo
Linear Technology
RH1056 LINER-RH1056_15 Datasheet
115Kb / 2P
Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A_15 Datasheet
112Kb / 4P
Precision, High Speed, JFET Input Operational Amplifier
logo
Analog Devices
OP249 AD-OP249_17 Datasheet
441Kb / 19P
Precision JFET, High Speed, Dual Operational Amplifier
10/15-Rev. H to Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com