Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD532 Datasheet (PDF) - Analog Devices

AD532 Datasheet PDF - Analog Devices
Part # AD532
Download  AD532 Download
File Size   521.94 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Internally Trimmed Integrated Circuit Multiplier

AD532 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD532 Datasheet PDF - Analog Devices

Part # AD532
Download  AD532 Click to download

File Size   521.94 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Internally Trimmed Integrated Circuit Multiplier

AD532 Datasheet (HTML) - Analog Devices


AD532 Product details

GENERAL DESCRIPTION
The AD532 is the first pretrimmed single chip monolithic multiplier/divider. It guarantees a maximum multiplying error of ±1.0% and a ±10 V output voltage without the need for any external trimming resistors or output op amp. Because the AD532 is internally trimmed, its simplicity of use provides design engineers with an attractive alternative to modular multipliers, and its monolithic construction provides significant advantages in size, reliability and economy. Further, the AD532 can be used as a direct replacement for other IC multipliers that require external trim networks.

FEATURES
  Pretrimmed to ±1.0% (AD532K)
  No external components required
  Guaranteed ±1.0% maximum 4-quadrant error (AD532K)
  Differential Inputs for (X1 − X2) (Y1 − Y2)/10 V transfer function
  Monolithic construction, low cost

APPLICATIONS
  Multiplication, division, squaring, square rooting
  Algebraic computation
  Power measurements
  Instrumentation applications
  Available in chip form




Similar Part No. - AD532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD532 AD-AD532 Datasheet
136Kb / 7P
Internally Trimmed Integrated Circuit Multiplier
AD532 AD-AD532 Datasheet
559Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
REV. D
AD532 AD-AD532 Datasheet
346Kb / 14P
Internally Trimmed Integrated Circuit Multiplier
Rev. E
AD5320 AD-AD5320 Datasheet
427Kb / 20P
2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
10/04-Data Sheet changed from REV. E to REV. F.
AD5320 AD-AD5320 Datasheet
192Kb / 12P
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
More results


Similar Description - AD532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD532 AD-AD532 Datasheet
136Kb / 7P
Internally Trimmed Integrated Circuit Multiplier
AD534 AD-AD534 Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD632 AD-AD632 Datasheet
177Kb / 6P
Internally Trimmed Precision IC Multiplier
REV.A
logo
Motorola, Inc
MC3419-1 MOTOROLA-MC3419-1 Datasheet
1Mb / 16P
SUBSCRIBER LOOP INTERFACE CIRCUIT(SLIC) BIPOLASER-TRIMMED INTEGRATED CIRCUIT
logo
Analog Devices
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD532 AD-AD532_15 Datasheet
559Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
REV. D
AD534 AD-AD534_15 Datasheet
530Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com