Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD574AUD Datasheet (PDF) - Analog Devices

AD574AUD Datasheet PDF - Analog Devices
Part # AD574AUD
Download  AD574AUD Download
File Size   781.22 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit A/D Converter

AD574AUD Datasheet (PDF)

Go To PDF Page Download Datasheet
AD574AUD Datasheet PDF - Analog Devices

Part # AD574AUD
Download  AD574AUD Click to download

File Size   781.22 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit A/D Converter

AD574AUD Datasheet (HTML) - Analog Devices


AD574AUD Product details

PRODUCT DESCRIPTION
The AD574A is a complete 12-bit successive-approximation analog-to-digital converter with 3-state output buffer circuitry for direct interface to an 8- or 16-bit microprocessor bus. A high precision voltage reference and clock are included on-chip, and the circuit guarantees full-rated performance without external circuitry or clock signals.

FEATURES
    Complete 12-Bit A/D Converter with Reference and Clock
    8- and 16-Bit Microprocessor Bus Interface
    Guaranteed Linearity Over Temperature
        0°C to +70°C – AD574AJ, K, L
        –55°C to +125°C – AD574AS, T, U
    No Missing Codes Over Temperature
    35 μs Maximum Conversion Time
    Buried Zener Reference for Long-Term Stability and Low Gain T.C. 10 ppm/°C max AD574AL 12.5 ppm/°C max AD574AU
    Ceramic DIP, Plastic DIP or PLCC Package
    Available in Higher Speed, Pinout-Compatible Versions (15 μs AD674B, 80 μs AD774B; 10 μs (with SHA) AD1674)
    Available in Versions Compliant with MIL-STD-883 and JAN QPL




Similar Part No. - AD574AUD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD574AU AD-AD574AU Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AU AD-AD574AU Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AU AD-AD574AU Datasheet
781Kb / 12P
Complete 12-Bit Converter
REV. B
AD574AU AD-AD574AU Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AU AD-AD574AU Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
More results


Similar Description - AD574AUD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD574A AD-AD574A Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AKD AD-AD574AKD Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD5452YUJZ-REEL7 AD-AD5452YUJZ-REEL7 Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AJDZ AD-AD574AJDZ Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574ATD-883B AD-AD574ATD-883B Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AJPZ AD-AD574AJPZ Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AJP AD-AD574AJP Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD370 AD-AD370_15 Datasheet
1Mb / 5P
COMPLETE LOW POWER 12 BIT D/A CONVERTER
AD574A AD-AD574A_15 Datasheet
781Kb / 12P
COMPLETE 12 BIT A/D CONVERTER
REV. B
AD871 AD-AD871_15 Datasheet
382Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com