Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5121 Datasheet (PDF) - Analog Devices

AD5121 Datasheet PDF - Analog Devices
Part # AD5121
Download  AD5121 Download
File Size   642.81 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer

AD5121 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5121 Datasheet PDF - Analog Devices

Part # AD5121
Download  AD5121 Click to download

File Size   642.81 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer

AD5121 Datasheet (HTML) - Analog Devices


AD5121 Product details

GENERAL DESCRIPTION

The AD5123/AD5143 potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of ±8% and up to ±6 mA current density in the Ax, Bx, and Wx pins. The low resistor tolerance and low nominal temperature coefficient simplify open-loop applications as well as applications requiring tolerance matching.



FEATURES

10 kΩ and 100 kΩ resistance options

Resistor tolerance: 8% maximum

Wiper current: ±6 mA

Low temperature coefficient: 35 ppm/°C

Wide bandwidth: 3 MHz

Fast start-up time < 75 μs

Linear gain setting mode

Single- and dual-supply operation

Wide operating temperature: −40°C to +125°C

3 mm × 3 mm package

4 kV ESD protection



APPLICATIONS

Portable electronics level adjustment

LCD panel brightness and contrast controls

Programmable filters, delays, and time constants

Programmable power supplies




Similar Part No. - AD5121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5121 AD-AD5121 Datasheet
673Kb / 32P
Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121 Datasheet
791Kb / 32P
Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
5/2017-Rev. B to Rev. C
AD5121 AD-AD5121 Datasheet
2Mb / 37P
Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
Rev. E
AD5121 AD-AD5121 Datasheet
1Mb / 25P
Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
Rev. C
AD5121 AD-AD5121 Datasheet
1Mb / 29P
Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
Rev. D
More results


Similar Description - AD5121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5253 AD-AD5253 Datasheet
834Kb / 28P
Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5259 AD-AD5259 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5121 AD-AD5121 Datasheet
673Kb / 32P
Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
5/2017-Rev. B to Rev. C
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
5/2017-Rev. B to Rev. C
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
6/2017-Rev. A to Rev. B
AD5123 AD-AD5123 Datasheet
731Kb / 28P
Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
2/16-Rev. A to Rev. B
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
7/2017-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com