Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7851 Datasheet (PDF) - Analog Devices

AD7851 Datasheet PDF - Analog Devices
Part # AD7851
Download  AD7851 Download
File Size   366.7 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit 333 kSPS Serial A/D Converter

AD7851 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7851 Datasheet PDF - Analog Devices

Part # AD7851
Download  AD7851 Click to download

File Size   366.7 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit 333 kSPS Serial A/D Converter

AD7851 Datasheet (HTML) - Analog Devices


AD7851 Product details

GENERAL DESCRIPTION
The AD7851 is a high speed, 14-bit ADC that operates from a single 5 V power supply. The ADC powers up with a set of default conditions at which time it can be operated as a read-only ADC. The ADC contains self-calibration and system calibration options to ensure accurate operation over time and temperature and has a number of power-down options for low power applications.

FEATURES
    Single 5 V Supply
    333 kSPS Throughput Rate/ ±2 LSB DNL—A Grade
    285 kSPS Throughput Rate/ ±1 LSB DNL—K Grade
    A and K Grades Guaranteed to 125°C/238 kSPS Throughput Rate
    Pseudo-Differential Input with Two Input Ranges
    System and Self-Calibration with Autocalibration on Power-Up
    Read/Write Capability of Calibration Data
    Low Power: 60 mW Typ
    Power-Down Mode: 5 μW Typ Power Consumption
    Flexible Serial Interface: 8051/SPI®/QSPI™/μP Compatible
    24-Lead PDIP, SOIC, and SSOP Packages

APPLICATIONS
    Digital Signal Processing
    Speech Recognition and Synthesis
    Spectrum Analysis
    DSP Servo Control
    Instrumentation and Control Systems
    High Speed Modems
    Automotive




Similar Part No. - AD7851

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7851 AD-AD7851 Datasheet
435Kb / 36P
14-Bit 333 kSPS Serial A/D Converter
REV.A
AD7851 AD-AD7851 Datasheet
431Kb / 37P
14-Bit 333 kSPS Serial A/D Converter
23-Feb-2017
AD7851AN AD-AD7851AN Datasheet
435Kb / 36P
14-Bit 333 kSPS Serial A/D Converter
REV.A
AD7851AN AD-AD7851AN Datasheet
431Kb / 37P
14-Bit 333 kSPS Serial A/D Converter
23-Feb-2017
AD7851AR AD-AD7851AR Datasheet
435Kb / 36P
14-Bit 333 kSPS Serial A/D Converter
REV.A
More results


Similar Description - AD7851

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1674 AD-AD1674 Datasheet
255Kb / 12P
12-Bit 100 kSPS A/D Converter
AD7851 AD-AD7851 Datasheet
435Kb / 36P
14-Bit 333 kSPS Serial A/D Converter
REV.A
logo
National Semiconductor ...
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
12-Bit 100 kSPS A/D Converter
REV. C
logo
Texas Instruments
ADC141S625 TI1-ADC141S625_14 Datasheet
1Mb / 27P
14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Analog Devices
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
12-Bit 100 kSPS A/D Converter
REV. C
AD7851 AD-AD7851_15 Datasheet
366Kb / 36P
14-Bit 333 kSPS Serial A/D Converter
REV. B
AD7851 AD-AD7851_17 Datasheet
431Kb / 37P
14-Bit 333 kSPS Serial A/D Converter
23-Feb-2017
AD1674 AD-AD1674_17 Datasheet
289Kb / 13P
12-Bit 100 kSPS A/D Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com