Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7943BN Datasheet (PDF) - Analog Devices

AD7943BN Datasheet PDF - Analog Devices
Part # AD7943BN
Download  AD7943BN Download
File Size   221.29 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V/5 V Multiplying 12-Bit DACs

AD7943BN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7943BN Datasheet PDF - Analog Devices

Part # AD7943BN
Download  AD7943BN Click to download

File Size   221.29 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V/5 V Multiplying 12-Bit DACs

AD7943BN Datasheet (HTML) - Analog Devices


AD7943BN Product details

GENERAL DESCRIPTION
The AD7943, AD7945 and AD7948 are fast 12-bit multiplying DACs that operate from a single +5 V supply (Normal Mode) and a single +3.3 V to +5 V supply (Biased Mode). The AD7943 has a serial interface, the AD7945 has a 12-bit parallel interface, and the AD7948 has an 8-bit byte interface. They will replace the industry-standard AD7543, AD7545 and AD7548 in many applications, and they offer superior speed and power consumption performance.

FEATURES
12-Bit Multiplying DACs
Guaranteed Specifications with +3.3 V/+5 V Supply
0.5 LSBs INL and DNL
Low Power: 5 mW typ
Fast Interface
  40 ns Strobe Pulsewidth (AD7943)
  40 ns Write Pulsewidth (AD7945, AD7948)
Low Glitch: 60 nV-s with Amplifier Connected

APPLICATIONS
Battery-Powered Instrumentation
Laptop Computers
Upgrades for All 754x Series DACs (5 V Designs)




Similar Part No. - AD7943BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7943BN AD-AD7943BN Datasheet
329Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV.B
AD7943BN AD-AD7943BN Datasheet
221Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BN AD-AD7943BN Datasheet
221Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BN AD-AD7943BN Datasheet
221Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BN AD-AD7943BN Datasheet
221Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Similar Description - AD7943BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7943 AD-AD7943 Datasheet
329Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV.B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRSZ AD-AD7945BRSZ Datasheet
221Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
221Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943_15 Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945 AD-AD7945_15 Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com