Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8211 Datasheet (PDF) - Analog Devices

AD8211 Datasheet PDF - Analog Devices
Part # AD8211
Download  AD8211 Download
File Size   309.53 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Current Shunt Monitor

AD8211 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8211 Datasheet PDF - Analog Devices

Part # AD8211
Download  AD8211 Click to download

File Size   309.53 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Current Shunt Monitor

AD8211 Datasheet (HTML) - Analog Devices


AD8211 Product details

GENERAL DESCRIPTION
The AD8211 is a high voltage, precision current shunt amplifier. It features a set gain of 20 V/V, with a typical ±0.35% gain error over the entire temperature range. The buffered output voltage directly interfaces with any typical converter. Excellent commonmode rejection from −2 V to +65 V is independent of the 5 V supply. The AD8211 performs unidirectional current measurements across a shunt resistor in a variety of industrial and automotive applications, such as motor control, solenoid control, or battery management.

FEATURES
   Qualified for automotive applications
   ±4000 V human body model (HBM) electrostatic discharge (ESD)
   High common-mode input voltage range: −2 V to +65 V
   Continuous input voltage range: −3 V to +68 V
   Buffered output voltage
   Wide operating temperature range
      5-lead SOT: −40°C to +125°C
   Excellent ac and dc performance
      5 µV/°C typical offset drift
      −13 ppm/°C typical gain vs. temperature
      120 dB typical common-mode rejection ratio (CMRR) at dc

APPLICATIONS
   High-side current sensing
      Motor controls
      Transmission controls
      Engine management
      Suspension controls
      Vehicle dynamic controls
      DC-to-dc converters




Similar Part No. - AD8211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8211 AD-AD8211 Datasheet
332Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8211 AD-AD8211 Datasheet
350Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. B to Rev. C
AD8211WYRJZ-R7 AD-AD8211WYRJZ-R7 Datasheet
350Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. B to Rev. C
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
350Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. B to Rev. C
AD8211YRJZ-R2 AD-AD8211YRJZ-R2 Datasheet
350Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. B to Rev. C
More results


Similar Description - AD8211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
High Voltage Current Shunt Monitor
AD8213 AD-AD8213 Datasheet
460Kb / 16P
Dual, High Voltage Current Shunt Monitor
5/07-Revision 0
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8211 AD-AD8211 Datasheet
332Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
High Voltage, Current Shunt Monitor
REV. A
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
High Voltage Current Shunt Monitor
REV. B
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8211 AD-AD8211_16 Datasheet
350Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. B to Rev. C
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
High Voltage Current Shunt Monitor
5/2017-Rev. B to Rev. C
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com