Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7273 Datasheet (PDF) - Analog Devices

AD7273 Datasheet PDF - Analog Devices
Part # AD7273
Download  AD7273 Download
File Size   1313.94 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT

AD7273 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7273 Datasheet PDF - Analog Devices

Part # AD7273
Download  AD7273 Click to download

File Size   1313.94 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT

AD7273 Datasheet (HTML) - Analog Devices


AD7273 Product details

GENERAL DESCRIPTION
The AD7273/AD7274 are 10-/12-bit, high speed, low power, successive approximation ADCs, respectively. The parts operate from a single 2.35 V to 3.6 V power supply and feature throughput rates of up to 3 MSPS. Each part contains a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 55 MHz.
The AD7273/AD7274 use advanced design techniques to achieve very low power dissipation at high throughput rates.
The reference for the parts is applied externally and can be in the range of 1.4 V to VDD. This allows the widest dynamic input range to the ADC.

FEATURES
   Throughput rate: 3 MSPS
   Specified for VDD of 2.35 V to 3.6 V
   Power consumption
      11.4 mW at 3 MSPS with 3 V supplies
   Wide input bandwidth
      70 dB SNR at 1 MHz input frequency
   Flexible power/serial clock speed management
   No pipeline delays
   High speed serial interface
      SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible
   Temperature range: −40°C to +125°C
   Power-down mode: 0.1 μA typ
   8-lead TSOT package
   8-lead MSOP package




Similar Part No. - AD7273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
AD7273 AD-AD7273 Datasheet
1Mb / 28P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273 Datasheet
501Kb / 28P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7273 AD-AD7273 Datasheet
549Kb / 29P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD72731 AD-AD72731 Datasheet
549Kb / 29P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
More results


Similar Description - AD7273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
AD7274BRMZ AD-AD7274BRMZ Datasheet
1Mb / 28P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7276 AD-AD7276 Datasheet
501Kb / 28P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7273BRMZ AD-AD7273BRMZ Datasheet
549Kb / 29P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273_15 Datasheet
605Kb / 29P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274 AD-AD7274_15 Datasheet
605Kb / 29P
3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7276 AD-AD7276_15 Datasheet
717Kb / 29P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7277 AD-AD7277_15 Datasheet
717Kb / 29P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276_17 Datasheet
589Kb / 28P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
7/15- Rev. C. to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com