Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1015 Datasheet (PDF) - Toshiba Semiconductor

2SA1015 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1015
Download  2SA1015 Download
File Size   172.91 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications Driver Stage Amplifier Applications

2SA1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1015 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1015
Download  2SA1015 Click to download

File Size   172.91 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications Driver Stage Amplifier Applications

2SA1015 Datasheet (HTML) - Toshiba Semiconductor


2SA1015 Product details

Audio Frequency General Purpose Amplifier Applications
Driver Stage Amplifier Applications
   
• High voltage and high current: VCEO = −50 V (min),
                                                    IC = −150 mA (max)
• Excellent hFE linearity: hFE (2) = 80 (typ.) at VCE = −6 V, IC = −150 mA
                                      : hFE (IC = −0.1 mA)/hFE (IC = −2 mA) = 0.95 (typ.)
• Low noise: NF = 1dB (typ.) (f = 1 kHz)
• Complementary to 2SC1815.
   




Similar Part No. - 2SA1015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
156Kb / 2P
PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER)
27-Mar-2003
logo
Micro Electronics
2SA1015 MICRO-ELECTRONICS-2SA1015 Datasheet
73Kb / 1P
PNP SILICON TRANSISTOR
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
110Kb / 3P
Audio Frequency Amplifier Applications Low Noise Amplifier Applications
27-Mar-2003
logo
Guangdong Kexin Industr...
2SA1015 KEXIN-2SA1015 Datasheet
37Kb / 1P
PNP Transistor
logo
Dc Components
2SA1015 DCCOM-2SA1015 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - 2SA1015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA562TM TOSHIBA-2SA562TM_07 Datasheet
315Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1313 TOSHIBA-2SA1313_07 Datasheet
316Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1588 TOSHIBA-2SA1588_07 Datasheet
332Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1015 TOSHIBA-2SA1015_07 Datasheet
176Kb / 3P
Audio Frequency General Purpose Amplifier Applications Driver Stage Amplifier Applications
HN1C07F TOSHIBA-HN1C07F Datasheet
138Kb / 3P
Audio Frequency Small Power Amplifier Applications Driver Stage Amplifier Applications Switching applications
HN4B04J TOSHIBA-HN4B04J Datasheet
255Kb / 6P
Audio Frequency General Purpose Amplifier Applications Driver Stage Amplifier Applications Switching application
2SC1815YTE2FT TOSHIBA-2SC1815YTE2FT Datasheet
279Kb / 4P
Audio Frequency General Purpose Amplifier Applications Driver Stage Amplifier Applications
2SA1313-YTE85LF TOSHIBA-2SA1313-YTE85LF Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182-Y TOSHIBA-2SA1182-Y Datasheet
151Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
HN1B04FU-GR TOSHIBA-HN1B04FU-GR Datasheet
304Kb / 6P
Audio Frequency General Purpose Amplifier Applications Driver Stage Amplifier Applications Switching application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com