Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2713 Datasheet (PDF) - Toshiba Semiconductor

2SC2713 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2713
Download  2SC2713 Download
File Size   278.0 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications

2SC2713 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2713 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2713
Download  2SC2713 Click to download

File Size   278.0 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications

2SC2713 Datasheet (HTML) - Toshiba Semiconductor


2SC2713 Product details

Audio Frequency General Purpose Amplifier Applications

•  High voltage: VCEO= 120 V
•  Excellent hFElinearity: hFE(IC= 0.1 mA)/hFE(IC= 2 mA) = 0.95 (typ.)
•  High hFE: hFE= 200~700
•  Low noise: NF = 1dB (typ.), 10dB (max)
•  Complementary to 2SA1163
•  Small package




Similar Part No. - 2SC2713

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2713 TOSHIBA-2SC2713 Datasheet
205Kb / 4P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC2713 TOSHIBA-2SC2713 Datasheet
646Kb / 4P
Silicon NPN Epitaxial Type (PCT process)
logo
Guangdong Kexin Industr...
2SC2713 KEXIN-2SC2713 Datasheet
36Kb / 1P
Silicon NPN Epitaxial Type
logo
Toshiba Semiconductor
2SC2713 TOSHIBA-2SC2713 Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
logo
Guangdong Kexin Industr...
2SC2713-G KEXIN-2SC2713-G Datasheet
1Mb / 3P
NPN Transistors
More results


Similar Description - 2SC2713

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
Audio frequency General Purpose Amplifier Applications
2SA1162 TOSHIBA-2SA1162_07 Datasheet
391Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SA1586 TOSHIBA-2SA1586_07 Datasheet
382Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SC1815-GRF TOSHIBA-2SC1815-GRF Datasheet
279Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com