Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3324 Datasheet (PDF) - Toshiba Semiconductor

2SC3324 Datasheet PDF - Toshiba Semiconductor
Part # 2SC3324
Download  2SC3324 Download
File Size   277.76 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency Low Noise Amplifier Applications

2SC3324 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3324 Datasheet PDF - Toshiba Semiconductor

Part # 2SC3324
Download  2SC3324 Click to download

File Size   277.76 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency Low Noise Amplifier Applications

2SC3324 Datasheet (HTML) - Toshiba Semiconductor


2SC3324 Product details

Audio Frequency Low Noise Amplifier Applications



• High voltage: VCEO = 120 V

• Excellent hFE linearity: hFE (IC = 0.1 mA)/ hFE (IC = 2 mA) = 0.95 (typ.)

• High hFE: hFE = 200~700

• Low noise: NF (2) = 0.2dB (typ.), 3dB (max)

• Complementary to 2SA1312

• Small package




Similar Part No. - 2SC3324

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3324 TOSHIBA-2SC3324 Datasheet
218Kb / 3P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SC3324 TOSHIBA-2SC3324 Datasheet
663Kb / 5P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Noise Amplifier Applications
logo
Guangdong Kexin Industr...
2SC3324 KEXIN-2SC3324 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3324 TOSHIBA-2SC3324 Datasheet
277Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SC3324-GR TOSHIBA-2SC3324-GR Datasheet
277Kb / 5P
Audio Frequency Low Noise Amplifier Applications
More results


Similar Description - 2SC3324

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
110Kb / 3P
Audio Frequency Amplifier Applications Low Noise Amplifier Applications
2SA1312 TOSHIBA-2SA1312_07 Datasheet
622Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312-BL TOSHIBA-2SA1312-BL Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SK2145-GR TOSHIBA-2SK2145-GR Datasheet
308Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312BL TOSHIBA-2SA1312BL Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SK209-BL TOSHIBA-2SK209-BL Datasheet
287Kb / 4P
Audio Frequency Low Noise Amplifier Applications
2SK209-Y TOSHIBA-2SK209-Y Datasheet
287Kb / 4P
Audio Frequency Low Noise Amplifier Applications
2SK880-GR TOSHIBA-2SK880-GR Datasheet
300Kb / 4P
Audio Frequency Low Noise Amplifier Applications
2SC3324-GR TOSHIBA-2SC3324-GR Datasheet
277Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312-GR TOSHIBA-2SA1312-GR Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com