Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7138 Datasheet (PDF) - Anpec Electronics Coropration

APW7138 Datasheet PDF - Anpec Electronics Coropration
Part # APW7138
Download  APW7138 Download
File Size   553.52 Kbytes
Page   26 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description High-Performance Notebook PWM Controller

APW7138 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7138 Datasheet PDF - Anpec Electronics Coropration

Part # APW7138
Download  APW7138 Click to download

File Size   553.52 Kbytes
Page   26 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description High-Performance Notebook PWM Controller

APW7138 Datasheet (HTML) - Anpec Electronics Coropration


APW7138 Product details

General  Description

The APW7138 is a single-phase, constant-on-time, and synchronous PWM controller which drives N-channel MOSFET s. The APW7138 steps down high voltage of a battery to generate low-voltage chipset or RAM supplies in notebook computers.



Features

• Adjustable Output V oltage  from +0.6V  to +3.3V

- 0.6V Reference V oltage

- –1% Accuracy Over T emperature

• Operates from an  Input  Battery V oltage Range  of +3V to +25V

• Wide  Output  Load  Range from 0A to  25A

• Power-On-Reset  Monitoring  on  VCC  Pin

• Excellent  Line and Load Transient Response

• PFM Mode  for  Increased Light Load Efficiency

• Programmable PWM Frequency from 200kHz to 600kHz

• Integrated  MOSFET  Drivers  and  Bootstrap  Diode

• Internal Integrated Soft-Start  and Soft-Stop

• Selectable Forced PWM or  Automatic PFM/PWM Mode  (onl y  for  QF N4x4-16A  and  TQF N3x3-16 Packages)

• Power  Good  Monitoring

• Fault  Identification  by  PGOOD  Pull-Down Resistance

• 70% Under-V oltage  Protection  (UVP)

• 124% Over-V oltage Protection (OVP)

• Adjustable Over-Current Protection (OCP)

-  Sensing  Low-Side  MOSFET’ s  Current

• Over-T emperature Protection (OTP)

• SSOP-16,  Compact  4mmx4mm  QF N-16 (QF N4x4-16A), and TQF N3x3-16 Packages

• Lead Free and Green Devices Available (RoHS Compliant)




Similar Part No. - APW7138

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APW7134 KINGBRIGHT-APW7134 Datasheet
303Kb / 16P
Dual 1.5MHz, 600mA Synchronous Step-Down Converter
APW7134QAITRL KINGBRIGHT-APW7134QAITRL Datasheet
303Kb / 16P
Dual 1.5MHz, 600mA Synchronous Step-Down Converter
APW7134QAITUL KINGBRIGHT-APW7134QAITUL Datasheet
303Kb / 16P
Dual 1.5MHz, 600mA Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7136A ANPEC-APW7136A Datasheet
359Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
More results


Similar Description - APW7138

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6268 INTERSIL-ISL6268 Datasheet
364Kb / 14P
High-Performance Notebook PWM Controller
August 22, 2006
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
High-Performance Notebook PWM Controller
August 7, 2006
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269AIRZ-T INTERSIL-ISL6269AIRZ-T Datasheet
319Kb / 14P
High-Performance Notebook PWM Controller
May 30, 2007
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
High-Performance Notebook PWM Controller
November 18, 2014
logo
Renesas Technology Corp
ISL6268 RENESAS-ISL6268 Datasheet
731Kb / 14P
High-Performance Notebook PWM Controller
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
High-Performance Notebook PWM Controller
ISL6269B RENESAS-ISL6269B Datasheet
749Kb / 16P
High-Performance Notebook PWM Controller With Audio-Frequency Clamp
logo
Anpec Electronics Corop...
APW8828 ANPEC-APW8828 Datasheet
409Kb / 22P
High-Performance Notebook PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com