Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7176 Datasheet (PDF) - Anpec Electronics Coropration

APW7176 Datasheet PDF - Anpec Electronics Coropration
Part # APW7176
Download  APW7176 Download
File Size   276.25 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual 1.5MHz, 1A Synchronous Step-Down Converter

APW7176 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7176 Datasheet PDF - Anpec Electronics Coropration

Part # APW7176
Download  APW7176 Click to download

File Size   276.25 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual 1.5MHz, 1A Synchronous Step-Down Converter

APW7176 Datasheet (HTML) - Anpec Electronics Coropration


APW7176 Product details

General Description

The APW7176 consists of two independent 1.5MHz constant frequency, current mode, and PWM step-down converters. Each converter integrates a main switch with a synchronous rectifier for high efficiency without an external Schottky diode. The APW7176 is ideal for powering portable equipment that runs from a single cell LithiumIon (Li+) battery. Each converter can supply 1A of load current from a 2.7V to 5.5V input voltage. The output voltage can be regulated as low as 0.6V. The APW7176 can also run at 100% duty cycle for low dropout applications.



Features

· 1A Output Current on Each Channel

· 2.7V to 5.5V Input Voltage Range

· 1.5MHz Constant Frequency Operation

· Low Dropout Operation at 100% Duty Cycle

· Synchronous Topology

· 0.6V Low Reference Voltage

· Current Mode Operation

· Over-Temperature Protection

· Over-Current Protection

· Up to 94% Efficiency

· Internally Compensated

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· TV Tuner/Box

· Portable Instrument




Similar Part No. - APW7176

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7176AQBI-TRG ANPEC-APW7176AQBI-TRG Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
More results


Similar Description - APW7176

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5251 AME-AME5251 Datasheet
365Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com