Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK210 Datasheet (PDF) - Toshiba Semiconductor

2SK210 Datasheet PDF - Toshiba Semiconductor
Part # 2SK210
Download  2SK210 Download
File Size   329.57 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description FM Tuner Applications VHF Band Amplifier Applications

2SK210 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK210 Datasheet PDF - Toshiba Semiconductor

Part # 2SK210
Download  2SK210 Click to download

File Size   329.57 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description FM Tuner Applications VHF Band Amplifier Applications

2SK210 Datasheet (HTML) - Toshiba Semiconductor


2SK210 Product details

FM Tuner Applications
VHF Band Amplifier Applications 

• High power gain: GPS = 24dB (typ.) (f = 100 MHz)
• Low noise figure: NF = 1.8dB (typ.) (f = 100 MHz)
• High forward transfer admittance: |Yfs| = 7 mS (typ.) (f = 1 kHz)




Similar Part No. - 2SK210

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK210 TOSHIBA-2SK210 Datasheet
219Kb / 5P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK210 TOSHIBA-2SK210 Datasheet
717Kb / 6P
Silicon N Channel Junction Type FM Tuner Applications
2SK210 TOSHIBA-2SK210 Datasheet
329Kb / 6P
FM Tuner Applications VHF Band Amplifier Applications
2SK210 TOSHIBA-2SK210 Datasheet
329Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
2SK210 TOSHIBA-2SK210 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - 2SK210

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK881 TOSHIBA-2SK881 Datasheet
199Kb / 4P
N CHANNEL JUNCTION TYPE (FM TUNER APPLICATIONS VHF BAND AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SK1067 SANYO-2SK1067 Datasheet
109Kb / 4P
FM Tuner,VHF-Band Amp Applications
2SK543 SANYO-2SK543 Datasheet
107Kb / 4P
FM Tuner, VHF-Band Amp Applications
2SK3856 SANYO-2SK3856 Datasheet
38Kb / 3P
FM Tuner, VHF-Band Amplifier Applications
2SK3720 SANYO-2SK3720 Datasheet
38Kb / 4P
FM Tuner, VHF-Band Amplifier Applications
2SK3737 SANYO-2SK3737 Datasheet
39Kb / 4P
FM Tuner, VHF Amplifier Applications
2SK3720-5-TB-E SANYO-2SK3720-5-TB-E Datasheet
33Kb / 4P
FM Tuner, VHF-Band Amplifier Applications
logo
Toshiba Semiconductor
2SK210-GR TOSHIBA-2SK210-GR Datasheet
329Kb / 6P
FM Tuner Applications VHF Band Amplifier Applications
2SK302-Y TOSHIBA-2SK302-Y Datasheet
377Kb / 7P
FM Tuner, VHF RF Amplifier Applications
2SK302GRTE85R TOSHIBA-2SK302GRTE85R Datasheet
377Kb / 7P
FM Tuner, VHF RF Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com