Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1544 Datasheet (PDF) - Toshiba Semiconductor

2SK1544 Datasheet PDF - Toshiba Semiconductor
Part # 2SK1544
Download  2SK1544 Download
File Size   381.1 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DC?묭C Converter and Motor Drive Applications

2SK1544 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1544 Datasheet PDF - Toshiba Semiconductor

Part # 2SK1544
Download  2SK1544 Click to download

File Size   381.1 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DC?묭C Converter and Motor Drive Applications

2SK1544 Datasheet (HTML) - Toshiba Semiconductor


2SK1544 Product details

DC−DC Converter and Motor Drive Applications



 Low drain−source ON resistance : RDS (ON) = 0.15 Ω (typ.)

 High forward transfer admittance : |Yfs| = 21 S (typ.)

 Low leakage current : IDSS = 300 μA (max) (VDS = 500 V)

 Enhancement mode : Vth = 1.5 to 3.5 V (VDS = 10 V, ID = 1 mA)



 




Similar Part No. - 2SK1544

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1544 TOSHIBA-2SK1544 Datasheet
570Kb / 6P
N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
2SK1544 TOSHIBA-2SK1544 Datasheet
756Kb / 6P
N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK1544 ISC-2SK1544 Datasheet
67Kb / 2P
Drain Current ?밒D=25A@ TC=25C
logo
Toshiba Semiconductor
2SK1544 TOSHIBA-2SK1544 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SK1544 TOSHIBA-2SK1544_06 Datasheet
756Kb / 6P
N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
More results


Similar Description - 2SK1544

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ349FT TOSHIBA-2SJ349FT Datasheet
400Kb / 6P
DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2615TE12LF TOSHIBA-2SK2615TE12LF Datasheet
394Kb / 6P
DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2662T TOSHIBA-2SK2662T Datasheet
557Kb / 6P
DC?묭C Converter, Relay Drive and Motor Drive Applications
2SJ681Q TOSHIBA-2SJ681Q Datasheet
187Kb / 6P
Relay Drive, DC?묭C Converter and Motor Drive Applications
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2417F TOSHIBA-2SK2417F Datasheet
409Kb / 6P
Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2507F TOSHIBA-2SK2507F Datasheet
425Kb / 6P
Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2611T TOSHIBA-2SK2611T Datasheet
414Kb / 6P
DC?묭C Converter, Relay Drive and Motor Drive
2SK2545T TOSHIBA-2SK2545T Datasheet
439Kb / 6P
DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2717F TOSHIBA-2SK2717F Datasheet
494Kb / 6P
DC?묭C Converter and Motor Drive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com