Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRG05 Datasheet (PDF) - Toshiba Semiconductor

CRG05 Datasheet PDF - Toshiba Semiconductor
Part # CRG05
Download  CRG05 Download
File Size   176.73 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description General-Purpose Rectifier Applications

CRG05 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRG05 Datasheet PDF - Toshiba Semiconductor

Part # CRG05
Download  CRG05 Click to download

File Size   176.73 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description General-Purpose Rectifier Applications

CRG05 Datasheet (HTML) - Toshiba Semiconductor


CRG05 Product details

General-Purpose Rectifier Applications



• Repetitive peak reverse voltage: VRRM = 800 V

• Average forward current: IF (AV) = 1.0 A

• Average forward voltage: VFM = 1.2V (Max.)

• Suitable for high-density board assembly due to the use of a small surface-mount package, S−FLAT



 




Similar Part No. - CRG05

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRG00-1003FB AAC-CRG00-1003FB Datasheet
217Kb / 5P
THICK FILM CHIP RESISTORS
CRG00-1003FM AAC-CRG00-1003FM Datasheet
217Kb / 5P
THICK FILM CHIP RESISTORS
CRG00-1003FV AAC-CRG00-1003FV Datasheet
217Kb / 5P
THICK FILM CHIP RESISTORS
CRG00-1003GB AAC-CRG00-1003GB Datasheet
217Kb / 5P
THICK FILM CHIP RESISTORS
CRG00-1003GM AAC-CRG00-1003GM Datasheet
217Kb / 5P
THICK FILM CHIP RESISTORS
More results


Similar Description - CRG05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1R5JZ41 TOSHIBA-1R5JZ41 Datasheet
135Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
02-Dec-1996
1S1829 TOSHIBA-1S1829 Datasheet
116Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
07-Jul-1998
1S1830 TOSHIBA-1S1830 Datasheet
134Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
02-Dec-1996
1S1885A TOSHIBA-1S1885A Datasheet
131Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
02-Dec-1996
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
GENERAL PURPOSE RECTIFIER APPLICATIONS.
U10LC48 TOSHIBA-U10LC48_07 Datasheet
206Kb / 4P
General Purpose Rectifier Applications
06-Nov-2006
CRG03 TOSHIBA-CRG03 Datasheet
165Kb / 4P
General Purpose Rectifier Applications
logo
Guangdong Kexin Industr...
1N4001WS KEXIN-1N4001WS Datasheet
63Kb / 2P
General Purpose Rectifier Applications
logo
Toshiba Semiconductor
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
General Purpose Rectifier Applications
06-Nov-2006
U2JC44 TOSHIBA-U2JC44 Datasheet
154Kb / 3P
GENERAL PURPOSE RECTIFIER APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com