Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP188A Datasheet (PDF) - Vishay Siliconix

5KP188A Datasheet PDF - Vishay Siliconix
Part # 5KP188A
Download  5KP188A Download
File Size   88.02 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description TRANSZORB Transient Voltage Suppressors

5KP188A Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP188A Datasheet PDF - Vishay Siliconix

Part # 5KP188A
Download  5KP188A Click to download

File Size   88.02 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description TRANSZORB Transient Voltage Suppressors

5KP188A Datasheet (HTML) - Vishay Siliconix


5KP188A Product details

FEATURES
• P600 glass passivated chip junction
• Available in uni-directional polarity only
• 5000 W peak pulse power capability with a 10/1000 μs waveform, repetitive rate (duty cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912
  
TYPICAL APPLICATIONS
   Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive, and telecommunication.




Similar Part No. - 5KP188A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
TRANSZORB® Transient Voltage Suppressors
21-Oct-08
logo
Yangzhou yangjie electr...
5KP188A YANGJIE-5KP188A Datasheet
185Kb / 5P
Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
5KP188A VISHAY-5KP188A Datasheet
88Kb / 5P
TRANSZORB Transient Voltage Suppressors
20-Nov-12
5KP188A VISHAY-5KP188A Datasheet
88Kb / 5P
TRANSZORB짰 Transient Voltage Suppressors
20-Nov-12
5KP188A VISHAY-5KP188A Datasheet
88Kb / 5P
TRANSZORB짰 Transient Voltage Suppressors
24-Jun-14
More results


Similar Description - 5KP188A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
TransZorb Transient Voltage Suppressors
12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
TRANSZORB Transient Voltage Suppressors
07-May-10
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
TRANSZorb Transient Voltage Suppressors
11-Dec-12
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
TRANSZORB Transient Voltage Suppressors
20-Nov-12
ICTE5 VISHAY-ICTE5_12 Datasheet
89Kb / 5P
TRANSZORB Transient Voltage Suppressors
18-Sep-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
TRANSZORB Transient Voltage Suppressors
18-Sep-12
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
TRANSZORB Transient Voltage Suppressors
22-Oct-08
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
TRANSZORB Transient Voltage Suppressors
18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
TRANSZORB Transient Voltage Suppressors
18-Sep-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com