Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1086 Datasheet (PDF) - Analog Intergrations Corporation

AIC1086 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1086
Download  AIC1086 Download
File Size   109.56 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1.5A Low Dropout Positive Adjustable Regulator

AIC1086 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1086 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1086
Download  AIC1086 Click to download

File Size   109.56 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1.5A Low Dropout Positive Adjustable Regulator

AIC1086 Datasheet (HTML) - Analog Intergrations Corporation


AIC1086 Product details

DESCRIPTION
The AIC1086 is a low dropout three terminal regulator with 1.5A output current capability. The output voltage is adjustable with the use of a resistor divider or fixed 2.85V, 3.3V, 5V. Dropout is guaranteed at a maximum of 1.5V at maximum output current. Its low dropout voltage and fast transient response make it ideal for low voltage microprocessor applications. Internal current and thermal limiting provides protection against any overload condition that would create excessive junction temperatures.

FEATURES
● Dropout Voltage 1.3V at 1.5A Output Current.
● Fast Transient Response.
● Line Regulation typically at 0.015%.
● Load Regulation typically at 0.1%.
● Internal Thermal and Current Limiting.
● Adjustable Output Voltage or Fixed 2.85V, 3.3V, 5V.
● Standard 3-Pin Power Packages.

APPLICATIONS
● Post Regulator for Switching Supply.
● Battery Chargers.
● Constant-Current Regulators.
● PC Add-On Card.




Similar Part No. - AIC1086

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086 Datasheet
238Kb / 11P
1.5A Low Dropout Positive Regulator
AIC1086-18XY AIC-AIC1086-18XY Datasheet
238Kb / 11P
1.5A Low Dropout Positive Regulator
AIC1086-25XY AIC-AIC1086-25XY Datasheet
238Kb / 11P
1.5A Low Dropout Positive Regulator
AIC1086-28XY AIC-AIC1086-28XY Datasheet
238Kb / 11P
1.5A Low Dropout Positive Regulator
AIC1086-33XY AIC-AIC1086-33XY Datasheet
238Kb / 11P
1.5A Low Dropout Positive Regulator
More results


Similar Description - AIC1086

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.3 Jun. 8, 2005
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086 DIODES-AP1086_10 Datasheet
205Kb / 10P
1.5A LOW DROPOUT POSITIVE ADJUSTABLE
DS31028 Rev. 6 - 2
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
1.5A Ultra Low Dropout Positive Adjustable Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com