Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP281-4 Datasheet (PDF) - Toshiba Semiconductor

TLP281-4 Datasheet PDF - Toshiba Semiconductor
Part # TLP281-4
Download  TLP281-4 Download
File Size   260.97 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)

TLP281-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP281-4 Datasheet PDF - Toshiba Semiconductor

Part # TLP281-4
Download  TLP281-4 Click to download

File Size   260.97 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)

TLP281-4 Datasheet (HTML) - Toshiba Semiconductor


TLP281-4 Product details

PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)



TLP281 and TLP281-4 is a very small and thin coupler, suitable for surface mount assembly in applications such as PCMCIA Fax modem, programmable controllers. TLP281 and TLP281-4 consist of photo transistor, optically coupled to a gallium arsenide infrared emitting diode.



Collector-Emitter Voltage : 80 V (MIN)

Current Transfer Ratio : 50% (MIN)

                   Rank GB : 100% (MIN)

Isolation Voltage : 2500 Vrms (MIN)

UL Recognized : UL1577 , File No. E67349

BSI Approved : BS EN 60065: 2002,

                        : BS EN 60950-1: 2002

                          Certificate No. 8143, 8144


 




Similar Part No. - TLP281-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP281-4 TOSHIBA-TLP281-4 Datasheet
207Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281-4 TOSHIBA-TLP281-4 Datasheet
271Kb / 8P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281-4 TOSHIBA-TLP281-4 Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4 TOSHIBA-TLP281-4 Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4 TOSHIBA-TLP281-4 Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
More results


Similar Description - TLP281-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP281 TOSHIBA-TLP281 Datasheet
197Kb / 7P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
Programmable Controllers AC/DC-Input Module
TLP281GB TOSHIBA-TLP281GB Datasheet
278Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4GBTPJF TOSHIBA-TLP281-4GBTPJF Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP280GB-TP TOSHIBA-TLP280GB-TP Datasheet
210Kb / 9P
Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP281-4GB-TP TOSHIBA-TLP281-4GB-TP Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP280F TOSHIBA-TLP280F Datasheet
185Kb / 9P
Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP281-4JF TOSHIBA-TLP281-4JF Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP280 TOSHIBA-TLP280 Datasheet
219Kb / 9P
Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com