Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1401 Datasheet (PDF) - Analog Intergrations Corporation

AIC1401 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1401
Download  AIC1401 Download
File Size   91.01 Kbytes
Page   5 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description PWM Step-Down Switching Controller with Shutdown

AIC1401 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1401 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1401
Download  AIC1401 Click to download

File Size   91.01 Kbytes
Page   5 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description PWM Step-Down Switching Controller with Shutdown

AIC1401 Datasheet (HTML) - Analog Intergrations Corporation


AIC1401 Product details

DESCRIPTION
The AIC1401 is a high efficiency, PWM stepdown, voltage-mode, switching controller. It is suitable for IA, Notebook, LCD PC and LCD monitor main power applications.
The built-in high voltage CMOS driver drives an external N-channel MOSFET for replacing the higher cost P-channel MOSFET in a standard buck topology.

FEATURES
• Operation Voltage up to 15V
• Voltage-Mode Operation
• Fast Transient Response
• Built In Accurate 1.3V Voltage Reference
• Adjustable Over Current Protection using RDS(ON) No External Current Sense Resistor Required
• Low Shutdown Current
• 200KHz Free-Running Oscillator
• Built in Soft Start.

APPLICATIONS
• Notebook PC
• Advanced PC Mboards
• Information PCs
• Servers and Workstations
• PC Add-On Cards




Similar Part No. - AIC1401

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
AIC1084-15CE AIC-AIC1084-15CE Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
AIC1084-15CM AIC-AIC1084-15CM Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
AIC1084-15CMA AIC-AIC1084-15CMA Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
AIC1084-15CT AIC-AIC1084-15CT Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
More results


Similar Description - AIC1401

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Silicon Standard Corp.
SS6401 SSC-SS6401 Datasheet
481Kb / 6P
Step-Down DC/DC Controller with Shutdown
SS6580 SSC-SS6580 Datasheet
422Kb / 8P
Step-Down DC/DC Controller with Shutdown
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Seiko Instruments Inc
S8533 SII-S8533 Datasheet
1Mb / 33P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com