Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3105 Datasheet (PDF) - Toshiba Semiconductor

TLP3105 Datasheet PDF - Toshiba Semiconductor
Part # TLP3105
Download  TLP3105 Download
File Size   217.75 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment

TLP3105 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3105 Datasheet PDF - Toshiba Semiconductor

Part # TLP3105
Download  TLP3105 Click to download

File Size   217.75 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment

TLP3105 Datasheet (HTML) - Toshiba Semiconductor


TLP3105 Product details

Measurement Equipment
FA (Factory Automation)
Power Line Control
Security Equipment

The Toshiba TLP3105 consists of an infrared emitting diode optically coupled to a photo-MOSFET in a SOP, which is suitable for surface mount assembly. The TLP3105 features high ON-state current and low ON-state resistance, hence the TLP3105 is suitable to control a power line.

• 6-pin SOP (2.54SOP6): 2.1 mm high, 2.54 mm pitch
• Normally opened (form A) device
• Peak OFF-state voltage: 100 V (min)
• Trigger LED current: 3 mA (max)
• ON-state current: 1.4 A (max) (Ta=50°C)
• ON-state resistance: 0.1 Ω (typ.), 0.2 Ω (max)
• Capacitance between output terminals: 1000 pF (typ.)
• OFF-state current: 10 nA (max)
• Isolation voltage: 1500 Vrms (min)
• UL-recognized: UL 1577, File No.E67349
• cUL-recognized: CSA Component Acceptance Service No.5A
                              File No.E67349




Similar Part No. - TLP3105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3100 TOSHIBA-TLP3100 Datasheet
244Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control
TLP3102 TOSHIBA-TLP3102 Datasheet
317Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
TLP3106 TOSHIBA-TLP3106 Datasheet
193Kb / 9P
Normally opened (1-Form-A)
TLP3106A TOSHIBA-TLP3106A Datasheet
319Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
More results


Similar Description - TLP3105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G Datasheet
156Kb / 7P
Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G Datasheet
137Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
Telecommunication Measurement Equipment Security Equipment FA
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G_07 Datasheet
192Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
TLP3100 TOSHIBA-TLP3100 Datasheet
244Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control
TLP3102 TOSHIBA-TLP3102 Datasheet
317Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com