Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1520 Datasheet (PDF) - Analog Intergrations Corporation

AIC1520 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1520
Download  AIC1520 Download
File Size   212.55 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Single High-Side Power Switch

AIC1520 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1520 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1520
Download  AIC1520 Click to download

File Size   212.55 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Single High-Side Power Switch

AIC1520 Datasheet (HTML) - Analog Intergrations Corporation


AIC1520 Product details

DESCRIPTION
The AIC1520 is an integrated high-side power switch for self-powered and bus-powered Universal Serial Bus (USB) applications. The high-side switch is a MOSFET with 120m RDS(ON), which meets USB voltage drop requirements for maximum transmission wire length.

FEATURES
● 120m (5V Input) High-Side MOSFET Switch.
● 500mA Continuous Load Current.
● 80A Typical On-State Supply Current.
● Current-Limit / Short Circuit Protection.
● Thermal Limiting Protection under Overcurrent Condition.
● Undervoltage Lockout Ensures that Switch is off at Start Up.
● Output can be Forced Higher than Input (Off-State).
● Slow Turn ON and Fast Turn OFF.

APPLICATIONS
● Motherboard USB Management.
● USB Power Management.
● Hot Plug-In Power Supplies.
● Battery-Charger Circuit.
● Power Distribution Switch.




Similar Part No. - AIC1520

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1521 AIC-AIC1521 Datasheet
178Kb / 9P
Single High-Side Power Switch With Control Function
AIC1521-0CO AIC-AIC1521-0CO Datasheet
178Kb / 9P
Single High-Side Power Switch With Control Function
AIC1521-0CS AIC-AIC1521-0CS Datasheet
178Kb / 9P
Single High-Side Power Switch With Control Function
AIC1521-0CW AIC-AIC1521-0CW Datasheet
178Kb / 9P
Single High-Side Power Switch With Control Function
AIC1521-1CO AIC-AIC1521-1CO Datasheet
178Kb / 9P
Single High-Side Power Switch With Control Function
More results


Similar Description - AIC1520

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6521 SSC-SS6521 Datasheet
542Kb / 8P
Single High-Side Power Switch With Control Function
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
Single High Side Switch
MC33981 FREESCALE-MC33981_10 Datasheet
3Mb / 40P
Single High Side Switch
logo
STMicroelectronics
L6370QTR STMICROELECTRONICS-L6370QTR Datasheet
329Kb / 17P
2.5 A single high-side smart power switch
24-Jan-2013
logo
Infineon Technologies A...
BTT6010-1EKB INFINEON-BTT6010-1EKB_15 Datasheet
1Mb / 48P
Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
logo
STMicroelectronics
IPS160H STMICROELECTRONICS-IPS160H Datasheet
766Kb / 26P
Single high-side switch
04-Nov-2015
logo
New Japan Radio
NJW4830 NJRC-NJW4830 Datasheet
323Kb / 11P
Single High Side Switch
logo
Analog Intergrations Co...
AIC6176 AIC-AIC6176 Datasheet
221Kb / 9P
High-Side Power Switch
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com