Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1563CS Datasheet (PDF) - Analog Intergrations Corporation

AIC1563CS Datasheet PDF - Analog Intergrations Corporation
Part # AIC1563CS
Download  AIC1563CS Download
File Size   309.42 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Versatile DC/DC Converter

AIC1563CS Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1563CS Datasheet PDF - Analog Intergrations Corporation

Part # AIC1563CS
Download  AIC1563CS Click to download

File Size   309.42 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Versatile DC/DC Converter

AIC1563CS Datasheet (HTML) - Analog Intergrations Corporation


AIC1563CS Product details

DESCRIPTION

The AIC1563 is a monolithic control circuit containing the primary functions required for DC to DC converters and highside-sensed constant current source. The device consists of an internal temperature compensated reference, comparator, controlled duty cycle oscillator with an active current sense circuit, bootstrapped driver, and high current output switch.



FEATURES

3V to 30V Input Voltage Operation.

Internal 2A Peak Current Switch.

1.5A Continuous Output Current.

Bootstrapped Driver.

High Side Current Sense Capability.

High Efficiency (up to 90%).

Internal ±2% Reference.

Low Quiescent Current at 1.6mA.

Frequency Operation from 100Hz to 100KHz.



APPLICATIONS

Constant Current Source for Battery Chargers.

Saver for Cellular phones.

Step-Down DC-DC Converter Module.




Similar Part No. - AIC1563CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
High-Efficiency, Bootstrapped DC/DC Converter
AIC1562CN AIC-AIC1562CN Datasheet
256Kb / 7P
High-Efficiency, Bootstrapped DC/DC Converter
AIC1562CS AIC-AIC1562CS Datasheet
256Kb / 7P
High-Efficiency, Bootstrapped DC/DC Converter
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
4-bit DAC, Simple PWM Power Regulator With Linear Controller
AIC1566CS AIC-AIC1566CS Datasheet
251Kb / 7P
4-bit DAC, Simple PWM Power Regulator With Linear Controller
More results


Similar Description - AIC1563CS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
logo
Silicon Standard Corp.
SS6563 SSC-SS6563 Datasheet
170Kb / 10P
Versatile DC/DC Converter
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com