Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1571 Datasheet (PDF) - Analog Intergrations Corporation

AIC1571 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1571
Download  AIC1571 Download
File Size   462.6 Kbytes
Page   18 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers

AIC1571 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1571 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1571
Download  AIC1571 Click to download

File Size   462.6 Kbytes
Page   18 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers

AIC1571 Datasheet (HTML) - Analog Intergrations Corporation


AIC1571 Product details

DESCRIPTION
The AIC1571 combines a synchronous voltage mode controller with two linear controllers as well as the monitoring and protection functions in this chip. The PWM controller regulates the microprocessor core voltage with a synchronous rectified buck converter. One linear controller regulates power for the GTL bus and the other linear controller provides power for the clock driver circuit or memory (1.8V)

FEATURES
• Provides 3 Regulated Voltages for Microprocessor Core, Clock and GTL Power.
• Simple Voltage-Mode PWM Control.
• Dual N-Channel MOSFET Synchronous Driver.
• Operates from +3.3V, +5V and +12V Inputs.
• Fast Transient Response.
• Full 0% to 100% Duty Ratios.
• ±1.0% Output Voltage for VCORE and ±2.0% Output Voltage Reference for VCLK and VGTL.
• TTL Compatible 5-bit Digital-to-Analog Core Output Voltage Selection. Range from 1.3V to 3.5V.
    0.1V Steps from 2.1V to 3.5V.
    0.05V Steps from 1.3V to 2.05V.
• Adjustable Current Limit without External Sense Resistor.
• Microprocessor Core Voltage Protection against Shorted MOSFET.
• Power Good Output Voltage Monitor.
• Over-Voltage and Over-Current Fault Monitors.
• 200KHz Free-Running Oscillator Programmable up to 350KHz.

APPLICATIONS
• Full Motherboard Power Regulation for Computers.
• Power Integrations for 3 Output Power System.




Similar Part No. - AIC1571

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1570CS AIC-AIC1570CS Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1573CS AIC-AIC1573CS Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
More results


Similar Description - AIC1571

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
AIC1569A AIC-AIC1569A Datasheet
240Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Microsemi Corporation
LX1662 MICROSEMI-LX1662 Datasheet
308Kb / 15P
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1664 MICROSEMI-LX1664 Datasheet
354Kb / 17P
DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
5-bit DAC, Synchronous PWM Power Controller
SS6570 SSC-SS6570 Datasheet
697Kb / 18P
5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com