Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3225 Datasheet (PDF) - Anpec Electronics Coropration

APL3225 Datasheet PDF - Anpec Electronics Coropration
Part # APL3225
Download  APL3225 Download
File Size   236.61 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Li Charger Protection IC

APL3225 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL3225 Datasheet PDF - Anpec Electronics Coropration

Part # APL3225
Download  APL3225 Click to download

File Size   236.61 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Li Charger Protection IC

APL3225 Datasheet (HTML) - Anpec Electronics Coropration


APL3225 Product details

General  Description

The APL3225provides complete Li+ charger protection against input over-voltage, input over-current and over temperature. When any of the monitored parameters is over the threshold, the IC turns off the charging current. All protections also have deglitch time against false triggering due to voltage spikes or current transients.

The APL3225 integrates a 5.5V LDO to prevent ACIN over shoot reaching CHR_LDO and OUT. When any transient peak voltage above 5.5V presenting inACIN pin, but be low OVP threshold, the internal LDO will clamp its output at 5.5V . When ACIN voltage exceeds OVP threshold, the

device will turn off charging current. The charging current is controlled by the GATDRV pin. When sourcing a current from the GATDRV pin, the OUT pin delivers the charging current which is 200-fold magnified in amplitude based on GATDRV’ s current.



Features

•  Provide OUT Pin 5V Voltage Clamping Protection

• Thermal Charging Regulation Protection

• Provide Input Over-voltage Protection

• Provide Input Over-current Protection

• Provide Over Temperature Protection

• Provide Reverse Current Blocking

• High Immunity of False Triggering

• High Accuracy Protection Threshold

• Low On Resistance 0.3W Ty p.

• Compact TDFN2x2-8 and DFN3x3-8 Packages

• Lead Free and Green Devices Available(RoHS Compliant)



Applications

•Cell Phones




Similar Part No. - APL3225

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3222 ANPEC-APL3222 Datasheet
195Kb / 14P
3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3222HAI-TRG ANPEC-APL3222HAI-TRG Datasheet
195Kb / 14P
3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3222QFI-TRG ANPEC-APL3222QFI-TRG Datasheet
195Kb / 14P
3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
High-Current Overvoltage Protectors with Adjustable OVLO
More results


Similar Description - APL3225

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
Li Charger Protection IC
APL3204A ANPEC-APL3204A Datasheet
559Kb / 18P
Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
Li Charger Protection IC
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3203A ANPEC-APL3203A_11 Datasheet
438Kb / 20P
Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
Li Charger Protection IC
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
Li Charger Protection IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com