Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1633 Datasheet (PDF) - Analog Intergrations Corporation

AIC1633 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1633
Download  AIC1633 Download
File Size   281.85 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 2-Cell, 200mA, Step-Up DC/DC Converter

AIC1633 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1633 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1633
Download  AIC1633 Click to download

File Size   281.85 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 2-Cell, 200mA, Step-Up DC/DC Converter

AIC1633 Datasheet (HTML) - Analog Intergrations Corporation


AIC1633 Product details

DESCRIPTION
The AIC1633 is a high efficiency step up DC/DC converter. Only four external components are required to deliver a fixed voltage of 3V, 3.3V, or 5V. The output voltage can be externally set to an arbitrary value below breakdown voltage of the power switch for AIC1633A. Efficiency beyond 83% can be easily achieved at 70mA load with 2.2V to 3V input voltages.

FEATURES
• High Efficiency Up To 87%.
• Adjustable Output Voltage with Two Resistors (AIC1633A)
• Power-Saving Shutdown Mode (7µA typical).
• Internal 0.8A Switch.
• 120KHz Switching Rate.
• Adjustable Switch Current Limit.
• On-Chip Low Battery Detector.

APPLICATIONS
• Pocket Organizers.
• Electronic Dictionaries.
• Cameras.
• Pagers.
• Bar-Code Scanners.
• LCD Displays.
• Battery Backup Supplies.
• Portable Instruments.




Similar Part No. - AIC1633

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CN AIC-AIC1630-3CN Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CS AIC-AIC1630-3CS Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CN AIC-AIC1630-5CN Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CS AIC-AIC1630-5CS Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
More results


Similar Description - AIC1633

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
2-Cell, 500mA, Step-Up DC/DC Converter
logo
ams AG
AS1320 AMSCO-AS1320 Datasheet
328Kb / 2P
200mA Step-Up DC-DC Converter
AS1320 AMSCO-AS1320_1 Datasheet
394Kb / 12P
200mA Step-Up DC-DC Converter
AS1337 AMSCO-AS1337 Datasheet
912Kb / 14P
200mA, DC-DC Step-Up Converter with Buck Mode
logo
Silicon Standard Corp.
SS6633 SSC-SS6633 Datasheet
584Kb / 10P
200mA Step-Up DC/DC Converter
logo
ams AG
AS1337 AMSCO-AS1337_1 Datasheet
923Kb / 14P
200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337_09 Datasheet
811Kb / 16P
200mA, DC-DC Step-Up Converter with Buck Mode
AS1383 AMSCO-AS1383 Datasheet
1Mb / 22P
200mA, 3.5MHz DC-DC Step-Up Converter
logo
Holtek Semiconductor In...
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
200mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com