Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1680 Datasheet (PDF) - Analog Intergrations Corporation

AIC1680 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1680
Download  AIC1680 Download
File Size   291.7 Kbytes
Page   9 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Ultra Low Power Voltage Detector

AIC1680 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1680 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1680
Download  AIC1680 Click to download

File Size   291.7 Kbytes
Page   9 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Ultra Low Power Voltage Detector

AIC1680 Datasheet (HTML) - Analog Intergrations Corporation


AIC1680 Product details

DESCRIPTION

The AIC1680 is an accurate, ultra-low power consumption voltage detector IC, fabricated with advanced CMOS process. The AIC1680 consists of a comparator, a voltage reference unit, a resistor divider, two output drivers, and a hysteresis circuit.



FEATURES

Ultra-Low Quiescent Current.

1.5V to 10.0V Input Voltage Operation.

Flexible Detection Voltage Setting 0.1V Step in the Range of 1.6V to 6.0V

High Detection Voltage Accuracy at ±2.5%.

Built-In Detection Voltage Hysteresis.

Three Output Types: N-ch, P-ch and CMOS.

Space Saving Packages: TO-92, SOT-89,

SOT-23 and SOT23-5.



APPLICATIONS

Battery Checker for Battery-Operated Systems.

CPU & Logic Circuit Reset.

Memory Back-up Circuit.

Level Discriminator.

Power Failure Detector.




Similar Part No. - AIC1680

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1686 AIC-AIC1686 Datasheet
243Kb / 8P
Off-Line Power Supply Protection IC with Shunt Regulator
AIC1686CN AIC-AIC1686CN Datasheet
243Kb / 8P
Off-Line Power Supply Protection IC with Shunt Regulator
More results


Similar Description - AIC1680

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6680 SSC-SS6680 Datasheet
570Kb / 10P
Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
Ultra Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
Low Power Voltage Detector
logo
E-CMOS Corporation
EC95808 E-CMOS-EC95808 Datasheet
573Kb / 14P
Ultra-Low Quiescent Current Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
Ultra Low Power Voltage Detector
AP4410BEC AKM-AP4410BEC Datasheet
576Kb / 11P
Ultra Low Power Dual Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
Ultra Small, Low Power Consumption Voltage Detector
logo
Torex Semiconductor
XC6136 TOREX-XC6136 Datasheet
519Kb / 23P
Ultra-Low Power (88nA) Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
Low Power Voltage Detector
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com