Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1714 Datasheet (PDF) - Analog Intergrations Corporation

AIC1714 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1714
Download  AIC1714 Download
File Size   162.67 Kbytes
Page   5 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Negative Voltage Regulator

AIC1714 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1714 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1714
Download  AIC1714 Click to download

File Size   162.67 Kbytes
Page   5 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Negative Voltage Regulator

AIC1714 Datasheet (HTML) - Analog Intergrations Corporation


AIC1714 Product details

DESCRIPTION
The AIC1714 is a series of 3-terminal negative voltage regulators with output voltages internally set below the positive supply voltage. Since the AIC1714 consumes less current and only requires a small input/output voltage difference than existing industry standard 3-terminal voltage regulators, a battery-powered portable equipment is afforded a high capacity and longer service life. The AIC1714 is ideal for power source of liquid crystal displays.

FEATURES
• Low Power Consumption.
• Low Temperature Coefficient.
• Output Short Circuit Protected.
• Wide Operating Voltage Range.
• Good Input Stability.
• Space-Saving Package: TO-92 or SOT-89

APPLICATIONS
• LCD for Printing Calculators
• Cameras
• Voltage References for Instrumentation




Similar Part No. - AIC1714

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
Load Regulation, typical - 2mV
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
AIC1720-30 AIC-AIC1720-30 Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
AIC1720-30CS AIC-AIC1720-30CS Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
More results


Similar Description - AIC1714

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
Negative Voltage Regulator
January 26, 2000
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
NEGATIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC79LXX GTM-GSC79LXX Datasheet
345Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
Negative Voltage Regulator
S79L24 SECOS-S79L24 Datasheet
643Kb / 2P
Negative Voltage Regulator
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L24 SECOS-S79L24_15 Datasheet
643Kb / 2P
Negative Voltage Regulator
S79LXX SECOS-S79LXX_15 Datasheet
720Kb / 5P
Negative Voltage Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com