Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2240 Datasheet (PDF) - Toshiba Semiconductor

C2240 Datasheet PDF - Toshiba Semiconductor
Part # C2240
Download  C2240 Download
File Size   314.88 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Noise Audio Amplifier Applications

C2240 Datasheet (PDF)

Go To PDF Page Download Datasheet
C2240 Datasheet PDF - Toshiba Semiconductor

Part # C2240
Download  C2240 Click to download

File Size   314.88 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Noise Audio Amplifier Applications

C2240 Datasheet (HTML) - Toshiba Semiconductor


C2240 Product details

Low Noise Audio Amplifier Applications

The 2SC2240 is a transistor for low frequency and low noise applications. This device is designed tolower noise figure in the region of low signal source impedance, and tolower the pulse noise. This is recommended for the first stages of Equalizer amplifiers.
​​​​​​​
•  Low noise : NF = 4dB (typ.) RG= 100 Ω, VCE= 6 V, IC= 100 μA,   f = 1 kHz
                     : NF = 0.5dB (typ.) RG= 1 kΩ, VCE= 6 V, IC= 100 μA,   f = 1 kHz
•  Low pulse noise: Low 1/f noise
•  High DC current gain: hFE= 200~700
•  High breakdown voltage: VCEO= 120 V




Similar Part No. - C2240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C220 ETC2-C220 Datasheet
396Kb / 1P
The C series thin-film PRTDs
logo
Time Electronics Ltd.
C220 TIME-ELECTRONICS-C220 Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
logo
Ohmite Mfg. Co.
C220-025 OHMITE-C220-025 Datasheet
309Kb / 2P
TO-247, TO-220 and TO-264 Package Heatsinks
C220-025 OHMITE-C220-025 Datasheet
525Kb / 2P
Maximum Repeatability Constant spring force over repeated assembly/disassembly
C220-025 OHMITE-C220-025 Datasheet
525Kb / 2P
Ohmite introduces the C series
More results


Similar Description - C2240

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ74 TOSHIBA-2SJ74_07 Datasheet
663Kb / 5P
Low Noise Audio Amplifier Applications
2SJ108 TOSHIBA-2SJ108_07 Datasheet
647Kb / 5P
Low Noise Audio Amplifier Applications
2SA970 TOSHIBA-2SA970_07 Datasheet
629Kb / 4P
Low Noise Audio Amplifier Applications
logo
New Jersey Semi-Conduct...
2SA970 NJSEMI-2SA970 Datasheet
66Kb / 1P
LOW NOISE AUDIO AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA970-BL TOSHIBA-2SA970-BL Datasheet
267Kb / 4P
Low Noise Audio Amplifier Applications
2SK170-GR TOSHIBA-2SK170-GR Datasheet
320Kb / 5P
Low Noise Audio Amplifier Applications
2SK170-V TOSHIBA-2SK170-V Datasheet
320Kb / 5P
Low Noise Audio Amplifier Applications
2SK170-BL TOSHIBA-2SK170-BL Datasheet
345Kb / 5P
Low Noise Audio Amplifier Applications
2SK184-GR TOSHIBA-2SK184-GR Datasheet
320Kb / 4P
Low Noise Audio Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com