Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4944 Datasheet (PDF) - Toshiba Semiconductor

2SC4944 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4944
Download  2SC4944 Download
File Size   224.13 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplefier Applications

2SC4944 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4944 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4944
Download  2SC4944 Click to download

File Size   224.13 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplefier Applications

2SC4944 Datasheet (HTML) - Toshiba Semiconductor


2SC4944 Product details

Audio Frequency General Purpose Amplefier Applications

• Small package (dual type)
• High voltage and high current: VCEO = 50 V, IC = 150 mA (max)
• High hFE: hFE = 120 to 400
• Excellent hFE linearity: hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
• Complementary to 2SA1873




Similar Part No. - 2SC4944

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4944 TOSHIBA-2SC4944 Datasheet
158Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4944 TOSHIBA-2SC4944 Datasheet
433Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplefier Applications
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
2SC4944 JIANGSU-2SC4944 Datasheet
676Kb / 3P
DUALTRANSISTOR (NPN NPN )
logo
Toshiba Semiconductor
2SC4944 TOSHIBA-2SC4944_07 Datasheet
433Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplefier Applications
More results


Similar Description - 2SC4944

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
Audio frequency General Purpose Amplifier Applications
2SC4944 TOSHIBA-2SC4944_07 Datasheet
433Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplefier Applications
2SA1162 TOSHIBA-2SA1162_07 Datasheet
391Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SA1586 TOSHIBA-2SA1586_07 Datasheet
382Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com