Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ106 Datasheet (PDF) - Toshiba Semiconductor

2SJ106 Datasheet PDF - Toshiba Semiconductor
Part # 2SJ106
Download  2SJ106 Download
File Size   297.09 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency Amplifier Applications

2SJ106 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ106 Datasheet PDF - Toshiba Semiconductor

Part # 2SJ106
Download  2SJ106 Click to download

File Size   297.09 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency Amplifier Applications

2SJ106 Datasheet (HTML) - Toshiba Semiconductor


2SJ106 Product details

Audio Frequency Amplifier Applications

Analog Switch Applications

Constant Current Applications





Impedance Converter Applications

•  High breakdown voltage: VGDS= 50 V

•  High input impedance: IGSS= 1.0 nA (max) (VGS= 30 V)

•  Low RDS (ON): RDS (ON)= 270 Ω(typ.) (IDSS= −5 mA)

•  Small package




Similar Part No. - 2SJ106

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ106 TOSHIBA-2SJ106 Datasheet
190Kb / 3P
P CHANNEL JUNCTION TYPE (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SJ106 TOSHIBA-2SJ106 Datasheet
528Kb / 4P
Audio Frequency Amplifier Analog Switch Constant Current Impedance ConverterApplications
2SJ106 TOSHIBA-2SJ106_07 Datasheet
528Kb / 4P
Audio Frequency Amplifier Analog Switch Constant Current Impedance ConverterApplications
More results


Similar Description - 2SJ106

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
Audio Frequency Amplifier Applications
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
Audio Frequency Amplifier Applications
2SA1203 TOSHIBA-2SA1203_07 Datasheet
128Kb / 4P
Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
Audio Frequency Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC3423-Y TOSHIBA-2SC3423-Y Datasheet
127Kb / 5P
Audio Frequency Amplifier Applications
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com