Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN1B01F Datasheet (PDF) - Toshiba Semiconductor

HN1B01F Datasheet PDF - Toshiba Semiconductor
Part # HN1B01F
Download  HN1B01F Download
File Size   374.87 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio-Frequency General-Purpose Amplifier Applications

HN1B01F Datasheet (PDF)

Go To PDF Page Download Datasheet
HN1B01F Datasheet PDF - Toshiba Semiconductor

Part # HN1B01F
Download  HN1B01F Click to download

File Size   374.87 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio-Frequency General-Purpose Amplifier Applications

HN1B01F Datasheet (HTML) - Toshiba Semiconductor


HN1B01F Product details

Audio-Frequency General-PurposeAmplifier Applications



Q1:

High voltage and high current

  : VCEO= −50 V, IC = −150 mA (max)

High hFE : hFE = 120~400

Excellent hFElinearity

  : hFE(IC= −0.1 mA) / hFE(IC= −2 mA) = 0.95 (typ.)



Q2:

High voltage and high current

  : VCEO= 50 V, IC = 150 mA (max)

High hFE : hFE = 120~400

Excellent hFE linearity

  : hFE(IC= 0.1 mA) / hFE(IC= 2 mA) = 0.95 (typ.)




Similar Part No. - HN1B01F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1B01F TOSHIBA-HN1B01F Datasheet
270Kb / 5P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1B01F TOSHIBA-HN1B01F Datasheet
364Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio-Frequency General-Purpose Amplifier Applications
HN1B01F TOSHIBA-HN1B01F Datasheet
374Kb / 6P
Audio-Frequency General-Purpose Amplifier Applications
HN1B01F TOSHIBA-HN1B01F Datasheet
374Kb / 6P
Audio-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
HN1B01FDW1T1 ONSEMI-HN1B01FDW1T1 Datasheet
55Kb / 6P
Complementary Dual General Purpose Amplifier Transistor PNP and NPN Surface Mount
March, 2005 ??Rev. 2
More results


Similar Description - HN1B01F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
Audio frequency General Purpose Amplifier Applications
2SA1162 TOSHIBA-2SA1162_07 Datasheet
391Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SA1586 TOSHIBA-2SA1586_07 Datasheet
382Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com