Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ942EP Datasheet (PDF) - Vishay Siliconix

SQJ942EP Datasheet PDF - Vishay Siliconix
Part # SQJ942EP
Download  SQJ942EP Download
File Size   269.79 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs

SQJ942EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SQJ942EP Datasheet PDF - Vishay Siliconix

Part # SQJ942EP
Download  SQJ942EP Click to download

File Size   269.79 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs

SQJ942EP Datasheet (HTML) - Vishay Siliconix




Similar Part No. - SQJ942EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ942EP VISHAY-SQJ942EP Datasheet
377Kb / 13P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
19-Oct-15
SQJ942EP VISHAY-SQJ942EP Datasheet
323Kb / 17P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Apr-13
SQJ942EP VISHAY-SQJ942EP Datasheet
322Kb / 17P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Apr-13
SQJ942EP-T1-GE3 VISHAY-SQJ942EP-T1-GE3 Datasheet
323Kb / 17P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Apr-13
SQJ942EP VISHAY-SQJ942EP_15 Datasheet
263Kb / 15P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Apr-13
More results


Similar Description - SQJ942EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
18-Mar-13
SQJ942EP VISHAY-SQJ942EP_15 Datasheet
263Kb / 15P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Apr-13
SQJ208EP VISHAY-SQJ208EP Datasheet
482Kb / 12P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
21-Jan-2019
SQJ208EP VISHAY-SQJ208EP_V01 Datasheet
482Kb / 12P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
21-Jan-2019
SQJ884EP VISHAY-SQJ884EP Datasheet
178Kb / 10P
Automotive N-Channel 40 V (D-S) 175 °C MOSFETs
13-Aug-12
SUD50N04-07L VISHAY-SUD50N04-07L_V01 Datasheet
80Kb / 6P
N-Channel 40-V (D-S), 175 °C MOSFETs
06-Aug-07
SQJ940EP VISHAY-SQJ940EP_V02 Datasheet
325Kb / 17P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
18-Mar-13
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Apr-13
SQJ208EP VISHAY-SQJ208EP_V02 Datasheet
481Kb / 12P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
21-Jan-2019
SQJ244EP VISHAY-SQJ244EP_V02 Datasheet
379Kb / 12P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
07-May-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com