Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD644 Datasheet (PDF) - Analog Devices

AD644 Datasheet PDF - Analog Devices
Part # AD644
Download  AD644 Download
File Size   236.44 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual High Speed, Implanted BiFET Op Amp

AD644 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD644 Datasheet PDF - Analog Devices

Part # AD644
Download  AD644 Click to download

File Size   236.44 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual High Speed, Implanted BiFET Op Amp

AD644 Datasheet (HTML) - Analog Devices


AD644 Product details

PRODUCT DESCRIPTION
The AD644 is a pair of matched high speed monolithic FET input operational amplifiers fabricated with the most advanced bipolar, JFET and laser-trimming technologies. The AD644 offers matched bias currents that are significantly lower than currently available monolithic dual BiFET operational amplifiers: 35 pA max, matched to 25 pA for the AD644K and L, 75 pA max matched to 35 pA for the AD644J and S. In addition, the offset voltage is laser trimmed to less than 0.5 mV, and matched to 0.25 mV for the AD644L, 1.0 mV and matched to 0.5 mV for the AD644K, utilizing Analog Devices’ laser-wafer trimming (LWT) process.
The tight matching and temperature tracking between the operational amplifiers is achieved by ion-implanted JFETs and laser-wafer trimming. Ion-implantation permits the fabrication of precision, matched JFETs on a monolithic bipolar chip. This process optimizes the ability to produce matched amplifiers which have lower initial bias currents than other popular BiFET op amps. Laser-wafer trimming each amplifier’s input offset voltage assures tight initial match and superior IC processing guarantees offset voltage tracking over the temperature range.
The AD644 is recommended for applications in which both excellent ac and dc performance is required. The matched amplifiers provide a low cost solution to true wideband instrumentation amplifiers, low dc drift active filters and output amplifiers for four quadrant multiplying D/A converters such as the AD7541, 12-bit CMOS DAC.

FEATURES
   Matched Offset Voltage
   Matched Offset Voltage Over Temperature
   Matched Bias Currents
   Crosstalk –124 dB at 1 kHz
   Low Bias Current: 35 pA max Warmed Up
   Low Offset Voltage: 500 mV max
   Low Input Voltage Noise: 2 mV p-p
   High Slew Rate: 13 V/ms
   Low Quiescent Current: 4.5 mA max
   Fast Settling to 60.01%: 3 ms
   Low Total Harmonic Distortion: 0.0015% at 1 kHz
   Standard Dual Amplifier Pinout
   Available in Hermetic Metal Can Package
      and Chip Form
   MIL-STD-883B Processing Available
   Single Version Available: AD544




Similar Part No. - AD644

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD644 AD-AD644 Datasheet
255Kb / 6P
Dual High Speed, Implanted BiFET Op Amp
AD644 AD-AD644 Datasheet
236Kb / 6P
Dual High Speed, Implanted BiFET Op Amp
REV. A
AD644 AD-AD644 Datasheet
236Kb / 6P
Dual High Speed, Implanted BiFET Op Amp
REV. A
AD644J AD-AD644J Datasheet
255Kb / 6P
Dual High Speed, Implanted BiFET Op Amp
AD644K AD-AD644K Datasheet
255Kb / 6P
Dual High Speed, Implanted BiFET Op Amp
More results


Similar Description - AD644

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD644 AD-AD644 Datasheet
255Kb / 6P
Dual High Speed, Implanted BiFET Op Amp
AD712 AD-AD712 Datasheet
635Kb / 15P
Dual Precision, Low Cost, High Speed, BiFET Op Amp
AD712 AD-AD712_06 Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD644SH AD-AD644SH Datasheet
236Kb / 6P
Dual High Speed, Implanted BiFET Op Amp
REV. A
AD644LH AD-AD644LH Datasheet
236Kb / 6P
Dual High Speed, Implanted BiFET Op Amp
REV. A
AD745JRZ-16 AD-AD745JRZ-16 Datasheet
325Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD644 AD-AD644_15 Datasheet
258Kb / 6P
Dual High Speed, Implanted BiFET Op Amp
REV. A
AD713 AD-AD713_17 Datasheet
383Kb / 21P
Precision, High Speed, BiFET Quad Op Amp
7/11-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com