Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5547 Datasheet (PDF) - Analog Devices

AD5547 Datasheet PDF - Analog Devices
Part # AD5547
Download  AD5547 Download
File Size   405.32 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors

AD5547 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5547 Datasheet PDF - Analog Devices

Part # AD5547
Download  AD5547 Click to download

File Size   405.32 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors

AD5547 Datasheet (HTML) - Analog Devices


AD5547 Product details

GENERAL DESCRIPTION
The AD5547/AD5557 are dual precision, 16-/14-bit, multiplying, low power, current-output, parallel input, digital-to-analog converters (DACs). They are designed to operate from single +5 V supply with ±10 V multiplying references for 4-quadrant outputs with 6.8 MHz bandwidth.

FEATURES
   Dual channel
   16-bit resolution: AD5547
   14-bit resolution: AD5557
   2- or 4-quadrant, 6.8 MHz BW multiplying DAC
   ±1 LSB DNL
   ±1 LSB INL
   Operating supply voltage: 2.7 V to 5.5 V
   Low noise: 12 nV/√Hz
   Low power: IDD = 10 µA max
   0.5 µs settling time
   Built-in RFB facilitates current-to-voltage conversion
   Built-in 4-quadrant resistors allow 0 V to –10 V, 0 V to +10 V,
      or ±10 V outputs
   2 mA full-scale current ± 20%, with VREF = 10 V
   Extended automotive operating temperature range
      −40°C to +125°C
   Selectable zero-scale/midscale power-on presets
   Compact 38-lead TSSOP package

APPLICATIONS
   Automatic test equipment
   Instrumentation
   Digitally controlled calibration
   Digital waveform generation




Similar Part No. - AD5547

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5547 AD-AD5547 Datasheet
481Kb / 20P
Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
AD5547 AD-AD5547 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD5547 AD-AD5547 Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5547 AD-AD5547 Datasheet
753Kb / 25P
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5547 AD-AD5547 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results


Similar Description - AD5547

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5546 AD-AD5546 Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
AD5547 AD-AD5547 Datasheet
481Kb / 20P
Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5556 AD-AD5556_15 Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com