Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7244 Datasheet (PDF) - Analog Devices

AD7244 Datasheet PDF - Analog Devices
Part # AD7244
Download  AD7244 Download
File Size   283.3 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs

AD7244 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7244 Datasheet PDF - Analog Devices

Part # AD7244
Download  AD7244 Click to download

File Size   283.3 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs

AD7244 Datasheet (HTML) - Analog Devices


AD7244 Product details

GENERAL DESCRIPTION
The AD7242/AD7244 is a fast, complete, dual 12-bit/14-bit voltage output D/A converter. It consists of a 12-bit/14-bit DAC, 3 V buried Zener reference, DAC output amplifiers and high speed serial interface logic.

FEATURES
    Two 12-Bit/14-Bit DACs with Output Amplifiers
        AD7242: 12-Bit Resolution
        AD7244: 14-Bit Resolution
    On-Chip Voltage Reference
    Fast Settling Time
        AD7242: 3 μs to ±1/2 LSB
        AD7244: 4 μs to ±1/2 LSB
    High Speed Serial Interface
    Operates from ±5 V Supplies
    Specified Over –40°C to +85°C in Plastic Packages
    Low Power – 130 mW typ




Similar Part No. - AD7244

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7244 AD-AD7244 Datasheet
319Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
AD7244AQ AD-AD7244AQ Datasheet
319Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
AD7244JN AD-AD7244JN Datasheet
319Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
AD7244JR AD-AD7244JR Datasheet
319Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
AD7244SQ3 AD-AD7244SQ3 Datasheet
319Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
More results


Similar Description - AD7244

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7242 AD-AD7242 Datasheet
319Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
AD7837 AD-AD7837 Datasheet
196Kb / 13P
LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
LC2MOS Quad 14-Bit DACs
REV. D
AD7837ARZ AD-AD7837ARZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ARZ AD-AD7847ARZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244 AD-AD7244_15 Datasheet
321Kb / 12P
LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com