Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5663 Datasheet (PDF) - Analog Devices

AD5663 Datasheet PDF - Analog Devices
Part # AD5663
Download  AD5663 Download
File Size   967.78 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference

AD5663 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5663 Datasheet PDF - Analog Devices

Part # AD5663
Download  AD5663 Click to download

File Size   967.78 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference

AD5663 Datasheet (HTML) - Analog Devices


AD5663 Product details

GENERAL DESCRIPTION
The AD5623R/AD5643R/AD5663R, members of the nanoDAC® family, are low power, dual 12-, 14-, and 16-bit buffered voltageout digital-to-analog converters (DAC) that operate from a single 2.7 V to 5.5 V supply and are guaranteed monotonic by design.

FEATURES
   Low power, smallest pin-compatible, dual nanoDAC
      AD5663R: 16 bits
      AD5643R: 14 bits
      AD5623R: 12 bits
   User-selectable external or internal reference
      External reference default
      On-chip 1.25 V/2.5 V, 5 ppm/°C reference
   10-lead MSOP and 3 mm × 3 mm LFCSP
   2.7 V to 5.5 V power supply
   Guaranteed monotonic by design
   Power-on reset to zero scale
   Per channel power-down
   Serial interface up to 50 MHz
   Hardware LDAC and CLR functions

APPLICATIONS
   Process control
   Data acquisition systems
   Portable battery-powered instruments
   Digital gain and offset adjustment
   Programmable voltage and current sources
   Programmable attenuators




Similar Part No. - AD5663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5663 AD-AD5663 Datasheet
730Kb / 24P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
4/06-Revision 0
AD5663ARMZ AD-AD5663ARMZ Datasheet
730Kb / 24P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
4/06-Revision 0
AD5663ARMZ-REEL7 AD-AD5663ARMZ-REEL7 Datasheet
730Kb / 24P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
4/06-Revision 0
AD5663BCPZ-250RL7 AD-AD5663BCPZ-250RL7 Datasheet
730Kb / 24P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
4/06-Revision 0
AD5663BCPZ-R2 AD-AD5663BCPZ-R2 Datasheet
730Kb / 24P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
4/06-Revision 0
More results


Similar Description - AD5663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5620 AD-AD5620 Datasheet
558Kb / 24P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
9/05-Rev. 0 to Rev. A
AD5623R AD-AD5623R Datasheet
1Mb / 28P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
12/06-Rev. 0 to Rev. A
AD5624R AD-AD5624R Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
11/06-Rev. 0 to Rev A
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com