Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8017 Datasheet (PDF) - Analog Devices

AD8017 Datasheet PDF - Analog Devices
Part # AD8017
Download  AD8017 Download
File Size   410.02 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual High Output Current, High Speed Amplifier

AD8017 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8017 Datasheet PDF - Analog Devices

Part # AD8017
Download  AD8017 Click to download

File Size   410.02 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual High Output Current, High Speed Amplifier

AD8017 Datasheet (HTML) - Analog Devices


AD8017 Product details

PRODUCT DESCRIPTION
The AD8017 is a low cost, dual high speed amplifier capable of driving low distortion signals to within 1.0 V of the supply rail. It is intended for use in single supply xDSL systems where low distortion and low cost are essential. The amplifiers will be able to drive a minimum of 200 mA of output current per amplifier. The AD8017 will deliver –78 dBc of SFDR at 500 kHz, required for many xDSL applications.
   
FEATURES
High Output Drive Capability
        20 V p-p Differential Output Voltage, RL = 50 Ω
        10 V p-p Single-Ended Output Voltage While
            Delivering 200 mA to a 25 Ω Load
    Low Power Operation
        5 V to 12 V Voltage Supply @ 7 mA/Amplifier
    Low Distortion
        –78 dBc @ 500 kHz SFDR, RL = 100 Ω VO = 2 V p-p
        –58 dBc Highest Harmonic @ 1 MHz, IO = 270 mA
            (RL = 10 Ω)
    High Speed
        160 MHz, –3 dB Bandwidth (G = +2)
        1600 V/μs Slew Rate
   
APPLICATIONS
    xDSL PCI Cards
    Consumer DSL Modems
    Line Driver
    Video Distribution
   




Similar Part No. - AD8017

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8017 AD-AD8017 Datasheet
223Kb / 16P
Dual High Output Current, High Speed Amplifier
REV.A
AD8017 AD-AD8017 Datasheet
227Kb / 16P
Dual High Output Current, High Speed Amplifier
REV. C
AD8017AR AD-AD8017AR Datasheet
223Kb / 16P
Dual High Output Current, High Speed Amplifier
REV.A
AD8017AR AD-AD8017AR Datasheet
227Kb / 16P
Dual High Output Current, High Speed Amplifier
REV. C
AD8017AR AD-AD8017AR Datasheet
415Kb / 17P
Dual High Output Current High Speed Amplifier
REV. C
More results


Similar Description - AD8017

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
High Speed, High Output Current, Dual Operational Amplifier
logo
Analog Devices
AD8017 AD-AD8017 Datasheet
223Kb / 16P
Dual High Output Current, High Speed Amplifier
REV.A
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
High Output Current High Speed Dual Operational Amplifier
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
High Output Current High Speed Dual Operational Amplifier
logo
Analog Devices
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
Dual High Output Current High Speed Amplifier
REV. C
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
High Speed, High Output Current, Dual Operational Amplifier
logo
Analog Devices
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
Dual High Output Current, High Speed Amplifier
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com