Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8145 Datasheet (PDF) - Analog Devices

AD8145 Datasheet PDF - Analog Devices
Part # AD8145
Download  AD8145 Download
File Size   464.3 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Triple Differential Receiver with Comparators

AD8145 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8145 Datasheet PDF - Analog Devices

Part # AD8145
Download  AD8145 Click to download

File Size   464.3 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Triple Differential Receiver with Comparators

AD8145 Datasheet (HTML) - Analog Devices


AD8145 Product details

GENERAL DESCRIPTION
The AD8145 is a triple, low cost, differential-to-single-ended receiver specifically designed for receiving red-green-blue (RGB) video signals over twisted pair cable or differential printed circuit board (PCB) traces. It can also be used to receive any type of analog signal or high speed data transmission. Two auxiliary comparators with hysteresis are provided that can be used to decode video sync signals, which are encoded on the received common-mode voltages, to receive digital signals or as general-purpose comparators. The AD8145 can be used in conjunction with the AD8133 or AD8134 triple differential drivers to provide a complete low cost solution for RGB over Category 5 UTP cable applications, including KVM.

FEATURES
   High speed: 500 MHz, 2000 V/µs @ G = 1, VOUT = 2 V p-p
   0.1 dB flatness out to 75 MHz
   High CMRR: 69 dB @ 10 MHz
   High differential input impedance: 1 MΩ
   Wide input common-mode range: ±3.5 V (±5 V supplies)
   On-chip, gain setting resistors can be configured for gain of 1 or 2
   Fast settling: 15 ns to 0.1% @ 2 V p-p
   Low input referred noise: 13 nV/√Hz
   Disable feature
   Small packaging: 32-lead, 5 mm × 5 mm LFCSP
   AEC-Q10 qualified (AD8145W)
  
APPLICATIONS
   RGB video receivers
   YPbPr video receivers
   Keyboard, video, mouse (KVM)
   Unshielded twisted pair (UTP) receivers
   Qualified for automotive applications
   Automotive driver assistance (AD8145W)
   Automotive Infotainment (AD8145W)




Similar Part No. - AD8145

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8145 AD-AD8145 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8145YCPZ-R2 AD-AD8145YCPZ-R2 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8145YCPZ-R7 AD-AD8145YCPZ-R7 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8145YCPZ-RL AD-AD8145YCPZ-RL Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
More results


Similar Description - AD8145

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
High Speed Differential Comparators
logo
Analog Devices
AD8143 AD-AD8143 Datasheet
577Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/05-Revision 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8122 AD-AD8122 Datasheet
402Kb / 13P
Triple Differential Receiver
Rev. PrC
logo
Texas Instruments
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
HIGH-SPEED DIFFERENTIAL RECEIVER
SN55LVDS33-SP TI1-SN55LVDS33-SP Datasheet
252Kb / 20P
HIGH-SPEED DIFFERENTIAL RECEIVER
logo
Analog Devices
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
High Speed Differential Comparators
logo
Analog Devices
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
High Speed, Triple Differential Receiver with Comparators
4/16-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com