Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8212 Datasheet (PDF) - Analog Devices

AD8212 Datasheet PDF - Analog Devices
Part # AD8212
Download  AD8212 Download
File Size   335.66 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Current Shunt Monitor

AD8212 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8212 Datasheet PDF - Analog Devices

Part # AD8212
Download  AD8212 Click to download

File Size   335.66 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Current Shunt Monitor

AD8212 Datasheet (HTML) - Analog Devices


AD8212 Product details

GENERAL DESCRIPTION

The AD8212 is a high common-mode voltage, current shunt monitor. It accurately amplifies a small differential input voltage in the presence of large common-mode voltages up to 65 V (>500 V with an external PNP transistor).

The AD8212 is ideal for current monitoring across a shunt resistor in applications controlling loads, such as motors and solenoids. The current output of the device is proportional to the input differential voltage. The user can select an external resistor to set the desired gain. The typical common-mode voltage range of the AD8212 is 7 V to 65 V.



FEATURES

  Adjustable gain

  High common-mode voltage range

     7 V to 65 V typical

     7 V to >500 V with external pass transistor

  Current output

  Integrated 5 V series regulator

  8-lead MSOP package

  Operating temperature range of −40°C to +125°C



APPLICATIONS

  Current shunt measurement

  Motor controls

  DC-to-DC converters

  Power supplies

  Battery monitoring

  Remote sensing



 




Similar Part No. - AD8212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
High Voltage Current Shunt Monitor
AD8212 AD-AD8212 Datasheet
386Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8212 AD-AD8212 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8212 AD-AD8212 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
AD8212 AD-AD8212 Datasheet
371Kb / 13P
High Voltage Current Shunt Monitor
5/2017-Rev. B to Rev. C
More results


Similar Description - AD8212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
High Voltage Current Shunt Monitor
AD8213 AD-AD8213 Datasheet
460Kb / 16P
Dual, High Voltage Current Shunt Monitor
5/07-Revision 0
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8211 AD-AD8211 Datasheet
332Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
High Voltage, Current Shunt Monitor
REV. A
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8211 AD-AD8211_16 Datasheet
350Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. B to Rev. C
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
High Voltage Current Shunt Monitor
5/2017-Rev. B to Rev. C
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com