Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4360-6 Datasheet (PDF) - Analog Devices

ADF4360-6 Datasheet PDF - Analog Devices
Part # ADF4360-6
Download  ADF4360-6 Download
File Size   929.43 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz to 1000 MHz Quadrature Demodulator

ADF4360-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4360-6 Datasheet PDF - Analog Devices

Part # ADF4360-6
Download  ADF4360-6 Click to download

File Size   929.43 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz to 1000 MHz Quadrature Demodulator

ADF4360-6 Datasheet (HTML) - Analog Devices


ADF4360-6 Product details

GENERAL DESCRIPTION
The AD8348 is a broadband quadrature demodulator with an integrated intermediate frequency (IF), variable gain amplifier (VGA), and integrated baseband amplifiers. It is suitable for use in communications receivers, performing quadrature demodulation from IF directly to baseband frequencies. The baseband amplifiers are designed to interface directly with dual-channel ADCs, such as the AD9201, AD9283, and AD9218, for digitizing and post processing.

The IF input signal is fed into two Gilbert cell mixers through an X-AMP® VGA. The IF VGA provides 44 dB of gain control. A precision gain control circuit sets a linear-in-decibel gain characteristic for the VGA and provides temperature compensation. The LO quadrature phase splitter employs a divide-by-2 frequency divider to achieve high quadrature accuracy and amplitude balance over the entire operating frequency range. Optionally, the IF VGA can be disabled and bypassed.

In this mode, the IF signal is applied directly to the quadrature mixer inputs via the MXIP and MXIN pins.

FEATURES
* Integrated I/Q demodulator with IF VGA amplifier
* Operating IF frequency 50 MHz to 1000 MHz
(3 dB IF BW of 500 MHz driven from RS= 200 Ω)
* Demodulation bandwidth 75 MHz
* Linear-in-decibel AGC range 44 dB
* Third-order intercept
IIP3 +28 dBm @ minimum gain (FIF= 380 MHz)
IIP3 −8 dBm @ maximum gain (FIF= 380 MHz)
* Quadrature demodulation accuracy
* Phase accuracy 0.5°
* Amplitude balance 0.25 dB
* Noise figure 11 dB @ maximum gain (FIF= 380 MHz)
* LO input −10 dBm
* Single supply 2.7 V to 5.5 V
* Power-down mode

APPLICATIONS
* QAM/QPSK demodulator
* W-CDMA/CDMA/GSM/NADC
* Wireless local loop
* LMDS




Similar Part No. - ADF4360-6

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-6 AD-ADF4360-6 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
ADF4360-6 AD-ADF4360-6 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADF4360-6 AD-ADF4360-6 Datasheet
479Kb / 24P
Integrated Synthesizer and VCO
REV. A
ADF4360-6 AD-ADF4360-6 Datasheet
389Kb / 24P
Integrated Synthesizer and VCO
3/16-Rev. B to Rev. C
ADF4360-6BCP AD-ADF4360-6BCP Datasheet
336Kb / 20P
Integrated Synthesizer and VCO
4/06-Rev. A to Rev. B
More results


Similar Description - ADF4360-6

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8348 AD-AD8348 Datasheet
778Kb / 13P
50-1000 MHz Quadrature Demodulator
logo
TEMIC Semiconductors
U2794B TEMIC-U2794B Datasheet
258Kb / 11P
1000 MHz Quadrature Demodulator
logo
ATMEL Corporation
U2794B ATMEL-U2794B Datasheet
290Kb / 15P
1000 MHZ QUADRATURE DEMODULATOR
logo
TEMIC Semiconductors
U2791B TEMIC-U2791B Datasheet
257Kb / 11P
1000 MHz Quadrature Demodulator
logo
Analog Devices
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
50 MHz to 2 GHz Quadrature Demodulator
REV. 0
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
1000-MHz Quadrature Demodulator
logo
Analog Devices
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com