Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP356YKS-REEL7 Datasheet (PDF) - Analog Devices

ADCMP356YKS-REEL7 Datasheet PDF - Analog Devices
Part # ADCMP356YKS-REEL7
Download  ADCMP356YKS-REEL7 Download
File Size   183.82 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Comparators and Reference Circuits

ADCMP356YKS-REEL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCMP356YKS-REEL7 Datasheet PDF - Analog Devices

Part # ADCMP356YKS-REEL7
Download  ADCMP356YKS-REEL7 Click to download

File Size   183.82 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Comparators and Reference Circuits

ADCMP356YKS-REEL7 Datasheet (HTML) - Analog Devices


ADCMP356YKS-REEL7 Product details

GENERAL DESCRIPTION
The ADCMP350/ADCMP354/ADCMP356 are comparator and reference circuits suitable for use in general-purpose applications.
   
FEATURES
    Comparators with 0.6 V on-chip references
    Output stages
        Open-drain active low (ADCMP350)
        Open-drain active high (ADCMP354)
        Push-pull active high (ADCMP356)
    High voltage (up to 22 V) tolerance on VIN and open-drain
        output pins
    Low power consumption: 10 µA
    10 nA input bias current
    15 mV hysteresis
    5 µs propagation delay
    Specified over −40°C to +125°C temperature range
    4-lead SC70 package
   
APPLICATIONS
    Voltage detectors
    Microprocessor systems
    Computers
    Battery monitors
    Intelligent instruments
    Portable equipment
   




Similar Part No. - ADCMP356YKS-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP356YKS-REEL7 AD-ADCMP356YKS-REEL7 Datasheet
151Kb / 12P
Comparators and Reference Circuits
REV. 0
ADCMP356YKS-REEL7 AD-ADCMP356YKS-REEL7 Datasheet
183Kb / 12P
Comparators and Reference Circuits
REV. B
More results


Similar Description - ADCMP356YKS-REEL7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Analog Devices
ADCMP350YKS-REEL7 AD-ADCMP350YKS-REEL7 Datasheet
151Kb / 12P
Comparators and Reference Circuits
REV. 0
ADCMP341 AD-ADCMP341_07 Datasheet
353Kb / 12P
Dual 0.275% Comparators and Reference with Programmable Hysteresis
2/07-Revision 0
ADCMP350 AD-ADCMP350_04 Datasheet
216Kb / 12P
Comparators and Reference Circuits
10/04-Revision 0
ADCMP350YKSZ-REEL7 AD-ADCMP350YKSZ-REEL7 Datasheet
183Kb / 12P
Comparators and Reference Circuits
REV. B
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
logo
Analog Devices
ADCMP350 AD-ADCMP350_18 Datasheet
217Kb / 10P
Comparators and Reference Circuits
5/2018-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com