Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1280 Datasheet (PDF) - Analog Devices

ADUM1280 Datasheet PDF - Analog Devices
Part # ADUM1280
Download  ADUM1280 Download
File Size   421.65 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 kV RMS Dual Channel Digital Isolators

ADUM1280 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM1280 Datasheet PDF - Analog Devices

Part # ADUM1280
Download  ADUM1280 Click to download

File Size   421.65 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 kV RMS Dual Channel Digital Isolators

ADUM1280 Datasheet (HTML) - Analog Devices


ADUM1280 Product details

GENERAL DESCRIPTION
The ADuM1280/ADuM1281/ADuM1285/ADuM1286 1 (also referred to as ADuM128x in this data sheet) are dual-channel digital isolators based on the Analog Devices, Inc., iCoupler® technology. Combining high speed CMOS and monolithic air core transformer technology, these isolation components provide outstanding performance characteristics superior to alternatives, such as optocoupler devices and other integrated couplers.

FEATURES
   Up to 100 Mbps data rate (NRZ)
   Low propagation delay: 20 ns typical
   Low dynamic power consumption
   Bidirectional communication
   3 V to 5 V level translation
   High temperature operation: 125°C
   High common-mode transient immunity: >25 kV/μs
   Default high output: ADuM1280/ADuM1281
   Default low output: ADuM1285/ADuM1286
   Narrow body, RoHS-compliant, 8-lead SOIC
   Safety and regulatory approvals (pending)
     UL recognition: 3000 V rms for 1 minute per UL 1577
     CSA Component Acceptance Notice #5A
     VDE Certificate Of Conformity
       DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
       VIORM = 560 V peak

APPLICATIONS
   General-purpose multichannel isolation
   Data converter isolation
   Industrial field bus isolation




Similar Part No. - ADUM1280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
3 kV RMS Dual Channel Digital Isolators
REV. 0
ADuM1280 AD-ADuM1280 Datasheet
476Kb / 9P
Devices Connected
Rev. C
ADUM1280ARZ AD-ADUM1280ARZ Datasheet
343Kb / 16P
3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM1280ARZ-RL7 AD-ADUM1280ARZ-RL7 Datasheet
343Kb / 16P
3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM1280BRZ AD-ADUM1280BRZ Datasheet
343Kb / 16P
3 kV RMS Dual Channel Digital Isolators
REV. 0
More results


Similar Description - ADUM1280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
REV. B
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
3.0 kV rms, Dual-Channel Digital Isolators
REV. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. 0
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
5 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
5 kV RMS Dual Channel Digital Isolators
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com