Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7391 Datasheet (PDF) - Analog Devices

AD7391 Datasheet PDF - Analog Devices
Part # AD7391
Download  AD7391 Download
File Size   203.62 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V Serial-Input Micropower 10-Bit and 12-Bit DACs

AD7391 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7391 Datasheet PDF - Analog Devices

Part # AD7391
Download  AD7391 Click to download

File Size   203.62 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V Serial-Input Micropower 10-Bit and 12-Bit DACs

AD7391 Datasheet (HTML) - Analog Devices


AD7391 Product details

GENERAL DESCRIPTION
The AD7390/AD7391 family of 10-bit and 12-bit voltageoutput digital-to-analog converters is designed to operate from a single 3 V supply. Built using a CBCMOS process, these monolithic DACs offer the user low cost, and ease-of-use in single-supply 3 V systems. Operation is guaranteed over the supply voltage range of 2.7 V to 5.5 V consuming less than 100 µA making this device ideal for battery operated applications.
   
FEATURES
    Micropower—100 μA
    Single-Supply—2.7 V to 5.5 V Operation
    Compact 1.75 mm Height SO-8 Package and 1.1 mm Height TSSOP-8 Package
    AD7390—12-Bit Resolution
    AD7391—10-Bit Resolution
    SPI and QSPI Serial Interface Compatible with Schmitt Trigger Inputs
   
APPLICATIONS
    Automotive 0.5 V to 4.5 V Output Span Voltage
    Portable Communications
    Digitally Controlled Calibration
   




Similar Part No. - AD7391

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7391 AD-AD7391 Datasheet
342Kb / 12P
3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV.0
AD7391 AD-AD7391 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391AN AD-AD7391AN Datasheet
342Kb / 12P
3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV.0
AD7391AN AD-AD7391AN Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391AR AD-AD7391AR Datasheet
342Kb / 12P
3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV.0
More results


Similar Description - AD7391

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7391 AD-AD7391 Datasheet
342Kb / 12P
3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV.0
AD7392 AD-AD7392 Datasheet
199Kb / 11P
3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV.A
AD7394 AD-AD7394 Datasheet
304Kb / 12P
3 V, Dual, Serial Input 12-/10-Bit DACs
REV.0
AD7390 AD-AD7390 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com