Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS54 Datasheet (PDF) - Thinki Semiconductor Co., Ltd.

SS54 Datasheet PDF - Thinki Semiconductor Co., Ltd.
Part # SS54
Download  SS54 Download
File Size   410.04 Kbytes
Page   2 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SS54 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS54 Datasheet PDF - Thinki Semiconductor Co., Ltd.

Part # SS54
Download  SS54 Click to download

File Size   410.04 Kbytes
Page   2 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SS54 Datasheet (HTML) - Thinki Semiconductor Co., Ltd.


SS54 Product details

Features
✧ For surface mounted application
✧ Metal to silicon rectifier, majority carrier conduction
✧ Low forward voltage drop
✧ Easy pick and place
✧ High surge current capability
✧ Plastic material used carriers Underwriters
   Laboratory Classification 94V-0
✧ Epitaxial construction
✧ High temperature soldering:
   260°C / 10 seconds at terminals

Mechanical Data
✧ Case: Molded plastic
✧ Terminals: Pure tin plated, lead free.
✧ Polarity: Indicated by cathode band
✧ Packaging: 16mm tape per EIA STD RS-481
✧ Weight: 0.1 gram




Similar Part No. - SS54

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS54 JINANJINGHENG-SS54 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS54 YANGJIE-SS54 Datasheet
156Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS54 FRONTIER-SS54 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS54 LUGUANG-SS54 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS54 LUGUANG-SS54 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SS54

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SM520C GWSEMI-SM520C Datasheet
65Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCD52 SECOS-SCD52_15 Datasheet
470Kb / 2P
5.0 AMP Surface Mount Schottky Barrier Rectifiers
SK54BL SECOS-SK54BL_15 Datasheet
165Kb / 2P
5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS52-20V-DO-214AB DGNJDZ-SS52-20V-DO-214AB Datasheet
266Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS58-5A-80V-DO-214AA DGNJDZ-SS58-5A-80V-DO-214AA Datasheet
249Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS515-150V-DO-214AB DGNJDZ-SS515-150V-DO-214AB Datasheet
266Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS520-200V-DO-214AA DGNJDZ-SS520-200V-DO-214AA Datasheet
249Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS520F-200V.SMAF DGNJDZ-SS520F-200V.SMAF Datasheet
517Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK52.5A-DO-214AB DGNJDZ-SK52.5A-DO-214AB Datasheet
216Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK54.5A-DO-214AB DGNJDZ-SK54.5A-DO-214AB Datasheet
216Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com