Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4272 Datasheet (PDF) - Peregrine Semiconductor

PE4272 Datasheet PDF - Peregrine Semiconductor
Part # PE4272
Download  PE4272 Download
File Size   223.91 Kbytes
Page   11 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SPDT Broadband UltraCMOS DC ??3 GHz RF Switch

PE4272 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4272 Datasheet PDF - Peregrine Semiconductor

Part # PE4272
Download  PE4272 Click to download

File Size   223.91 Kbytes
Page   11 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SPDT Broadband UltraCMOS DC ??3 GHz RF Switch

PE4272 Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - PE4272

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
Pasternack Enterprises,...
PE4272 PASTERNACK-PE4272 Datasheet
207Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
223Kb / 11P
SPDT Broadband UltraCMOS
PE4272-EK PEREGRINE-PE4272-EK Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE42720 PSEMI-PE42720 Datasheet
390Kb / 11P
UltraCMOS SPDT RF Switch
More results


Similar Description - PE4272

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4231 PEREGRINE-PE4231 Datasheet
270Kb / 7P
SPDT High Power UltraCMOS - DC 1.3 GHz RF Switch
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
PE4272 PEREGRINE-PE4272 Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4273 PEREGRINE-PE4273 Datasheet
200Kb / 12P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4283 PEREGRINE-PE4283 Datasheet
230Kb / 11P
SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
PE4273 PEREGRINE-PE4273_06 Datasheet
232Kb / 11P
SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com