Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9303 Datasheet (PDF) - Peregrine Semiconductor

PE9303 Datasheet PDF - Peregrine Semiconductor
Part # PE9303
Download  PE9303 Download
File Size   211.6 Kbytes
Page   9 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 1.5 - 3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Rad-hard for Space Application

PE9303 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9303 Datasheet PDF - Peregrine Semiconductor

Part # PE9303
Download  PE9303 Click to download

File Size   211.6 Kbytes
Page   9 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 1.5 - 3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Rad-hard for Space Application

PE9303 Datasheet (HTML) - Peregrine Semiconductor


PE9303 Product details

Product Description
The PE9303 is a high performance monolithic UltraCMOS® prescaler with a fixed divide ratio of 8. Its operating frequency range is 1.5 GHz to 3.5 GHz. The PE9303 operates on a nominal 3V supply and draws only 14 mA. It is packaged in a small 8-lead pre-formed flat pack and is ideal for space applications.

Features
• High-frequency operation 1.5 - 3.5 GHz
• Fixed divide ratio of 8
• Low-power operation 14 mA typical @ 3V across frequency
• Small package 8-lead formed flat pack
• Available as Die




Similar Part No. - PE9303

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9303 PEREGRINE-PE9303 Datasheet
167Kb / 6P
3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
logo
Pasternack Enterprises,...
PE9303 PASTERNACK-PE9303 Datasheet
249Kb / 3P
SMC Plug to SMC Jack Right Angle Adapter
logo
Peregrine Semiconductor...
PE9303 PEREGRINE-PE9303 Datasheet
211Kb / 9P
1.5 - 3.5 GHz Low Power UltraCMOS
PE9303-EK PEREGRINE-PE9303-EK Datasheet
167Kb / 6P
3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
Divide-by-8 Prescaler
More results


Similar Description - PE9303

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9303 PEREGRINE-PE9303 Datasheet
167Kb / 6P
3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
PE9304 PSEMI-PE9304 Datasheet
216Kb / 6P
1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com